Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G9218 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part No. G9218
Description  1.8V 2A Low Dropout Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9218 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G9218 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 7Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ver: 0.1 Preliminary
Apr 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G9218
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-25 -15 -5
5 1525 354555 65 7585
Temperature (°C)
VIN=3.0V
VIN=5.0V
0
0.5
1
1.5
2
2.5
3
00.5
11.522.5
33.544.5
5
PCB Top Copper Area (in
2)
0
0.5
1
1.5
2
2.5
3
25
35
45
55
65
75
85
TAMB (°C)
A=0.1
A=0.2
A=0.3
A=0.4
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
still air ; Different PCB Top Copper Area
Max. Power Dissipation
vs. PCB Top Copper Area
TAMB = 25°C ; Still Air
Max. Power Dissipation
vs. TAMB
Unit : in
2
Quiescent Current vs. Temperature
1.764
1.784
1.804
1.824
1.844
1.864
-25 -15 -5
5 152535 4555657585
Temperature (°C)
VIN=3.0V
VIN=5.0V
IL=10mA
Output Voltage vs. Temperature
1.764
1.784
1.804
1.824
1.844
1.864
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
VIN (V)
Output Voltage vs. VIN
IL=10mA
TA=85 °C
TA=25 °C
TA=-25 °C
0
100
200
300
400
500
600
700
800
900
0
0.511.5
2
IL (A)
VDROP vs. IL
TA=85 °C
TA=25 °C
TA=-25 °C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SC4215A Very Low Input /Very Low Dropout 2 Amp Regulator With Enable 1  2  3  4  5  More Semtech Corporation
TS9001 300mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
G9965 1.5A Low Dropout Regulator with Enable 1  Global Mixed-mode Technology Inc
TS9009 80mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
G9966 3A Low Dropout Regulator with Enable 1  2  3  4  5  More Global Mixed-mode Technology Inc
CS8135 5V 5V Low Dropout Dual Regulator with /ENABLE RESET 1  2  3  4  5  More Cherry Semiconductor Corporation
TS9010 150mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  Taiwan Semiconductor Company, Ltd
G9967 3A Low Dropout Regulator with Enable 1  Global Mixed-mode Technology Inc
CS8147 10V/5V Low Dropout Dual Regulator with ENABLE 1  2  3  4  5  More Cherry Semiconductor Corporation
NCP5662 Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn