Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G9218 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part No. G9218
Description  1.8V 2A Low Dropout Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9218 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G9218 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9218 Datasheet HTML 7Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Ver: 0.1 Preliminary
Apr 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G9218
Global Mixed-mode Technology Inc.
Block Diagram
SHORT-CIRCUIT
PROTECTION
THERMAL
SHUTDOWN
BANDGAP
REFERENCE
3
GND
2V
O
1
V
IN
R1
R2
1.25V
_
+
OUTPUT
ON/OFF
4
HIGH / LOW
VEN
TTL COMPATIBLE BUFFER
SHORT-CIRCUIT
PROTECTION
THERMAL
SHUTDOWN
BANDGAP
REFERENCE
3
GND
2V
O
1
V
IN
R1
R2
1.25V
_
+
_
+
OUTPUT
ON/OFF
4
HIGH / LOW
VEN
TTL COMPATIBLE BUFFER


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SC4215A Very Low Input /Very Low Dropout 2 Amp Regulator With Enable 1  2  3  4  5  More Semtech Corporation
TS9001 300mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
G9965 1.5A Low Dropout Regulator with Enable 1  Global Mixed-mode Technology Inc
TS9009 80mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  5  Taiwan Semiconductor Company, Ltd
G9966 3A Low Dropout Regulator with Enable 1  2  3  4  5  More Global Mixed-mode Technology Inc
CS8135 5V 5V Low Dropout Dual Regulator with /ENABLE RESET 1  2  3  4  5  More Cherry Semiconductor Corporation
TS9010 150mA CMOS Low Dropout Voltage Regulator with Enable 1  2  3  4  Taiwan Semiconductor Company, Ltd
G9967 3A Low Dropout Regulator with Enable 1  Global Mixed-mode Technology Inc
CS8147 10V/5V Low Dropout Dual Regulator with ENABLE 1  2  3  4  5  More Cherry Semiconductor Corporation
NCP5662 Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn