Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES29LV640D-90RWCI Datasheet(PDF) 5 Page - Excel Semiconductor Inc.

Part # ES29LV640D-90RWCI
Description  4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV640D-90RWCI Datasheet(HTML) 5 Page - Excel Semiconductor Inc.

  ES29LV640D-90RWCI Datasheet HTML 1Page - Excel Semiconductor Inc. ES29LV640D-90RWCI Datasheet HTML 2Page - Excel Semiconductor Inc. ES29LV640D-90RWCI Datasheet HTML 3Page - Excel Semiconductor Inc. ES29LV640D-90RWCI Datasheet HTML 4Page - Excel Semiconductor Inc. ES29LV640D-90RWCI Datasheet HTML 5Page - Excel Semiconductor Inc. ES29LV640D-90RWCI Datasheet HTML 6Page - Excel Semiconductor Inc. ES29LV640D-90RWCI Datasheet HTML 7Page - Excel Semiconductor Inc. ES29LV640D-90RWCI Datasheet HTML 8Page - Excel Semiconductor Inc. ES29LV640D-90RWCI Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
ES I
ES I
5
Rev.0B January 5, 2006
ES29LV400E
Excel Semiconductor inc.
CONNECTION DIAGRAM
48-Ball FBGA (6 x 8 mm)
(Top View, Balls Facing Down)
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE#
RESET#
NC
NC
RY/BY#
NC
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE#
Vss
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
Vcc
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
Vss
CE#
A0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
48-Pin Standard TSOP
ES29LV400
A13
A12
A14
A15
A16
DQ15/
Vss
A9
WE#
OE#
CE#
A0
A1
A2
A4
NC
A11
DQ7
DQ14
DQ13
DQ6
NC
NC
NC
DQ5
NC
A5
DQ2
DQ0
DQ8
DQ9
DQ1
DQ10
DQ11
DQ3
DQ12
Vcc
DQ4
A3
A10
A
B
C
D
E
F
G
H
6
5
4
3
2
1
BYTE#
A-1
A8
RESET#
RY/
A7
A17
A6
Vss
BY#


Similar Part No. - ES29LV640D-90RWCI

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV640D-90RTG EXCELSEMI-ES29LV640D-90RTG Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29LV640D-90RWCI

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com