Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1085T52T Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1085T52T
Description  3A Adjustable Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085T52T Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1085T52T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085T52T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085T52T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085T52T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085T52T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085T52T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085T52T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085T52T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 1.2
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1085
Global Mixed-mode Technology Inc.
3A Adjustable Low-Dropout Linear Regulator
Features
Available in Adjust Version
Space Saving TO-252 Package and TO-263
Package
Internal Short Circuit Current Limiting
Internal Over Temperature Protection
Output Current 3A
Applications
Post Regulation for Switching DC/DC Con-
verter
High Efficiency Linear Regulator
Battery Charger
Battery Powered Instrumentation
Motherboard
General Description
The G1085 is a low dropout linear regulator with a
dropout of 1.2V at 3A of load current. It is avail-
able in an adjustable version, which can set the
output from 1.25V to 5V with only two external
resistors.
The G1085 provides over temperature and over
current protection circuits to prevent it from being
damaged by abnormal operating conditions.
The G1085 is available in TO-252 package and
TO- 263 packages. A minimum of 100µF tantalum
electrolytic capacitor is required at the output to
improve the transient response and stability.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP.
RANGE
PACKAGE
1
2
3
G1085T43U
G1085T43Uf
G1085
-40°C to +85°C
TO-252
GND/ADJ
VOUT
VIN
G1085T53U
G1085T53Uf
G1085
-40°C to +85°C
TO-263
GND/ADJ
VOUT
VIN
* For other package types and pin options, please contact us at sales @gmt.com.tw
Order Number Identification
GXXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T4: TO-252
1
2
3
U & D: Tape & Reel Direction
T5: TO-263
3: GND/ADJ
VOUT
VIN
T: Tube
Package Type
Typical Application
[Note 4]: Type of COUT
VIN
G1085
C1
100µF
VOUT
IO
COUT
100µF
R2
R1
GND/ADJ
VIN
VOUT
Top View
1
2
3
TO-252、TO-263
VIN
G1085
C1
100µF
VOUT
IO
COUT
100µF
R2
R1
GND/ADJ
VIN
VOUT
VIN
G1085
C1
100µF
VOUT
IO
COUT
100µF
R2
R1
GND/ADJ
VIN
VOUT
Top View
1
2
3
TO-252、TO-263
Top View
1
2
3
TO-252、TO-263


Similar Part No. - G1085T52T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-15T33T GMT-G1085-15T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-15T53U GMT-G1085-15T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T33T GMT-G1085-18T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T53U GMT-G1085-18T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-25T33T GMT-G1085-25T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
More results

Similar Description - G1085T52T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com