Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVST283R31515T-XXX Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DVST283R31515T-XXX
Description  HIGH RELIABILITY DC-DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVST283R31515T-XXX Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DVST283R31515T-XXX Datasheet HTML 1Page - Delta Electronics, Inc. DVST283R31515T-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DVST283R31515T-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVST283R31515T-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVST283R31515T-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVST283R31515T-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVST283R31515T-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVST283R31515T-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVST283R31515T-XXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DVST2800T Series
90054DSD
2
SPECIFICATIONS (T
CASE = -55°C to +100°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Operating Case Temperature
-55°C to +100°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-55°C to +125°C
Output Power
1
30 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +100°C)
15 Watts
Weight (Maximum)
100 Grams
INPUT
DVST2800T
Parameter
Conditions
Min
Typ
Max
Units
STATIC
Continuous
15
28
50
V
INPUT
Voltage
Transient, 1 sec
80
V
Inhibited
1.6
5.0
mA
Current
No Load
65
100
mA
Inhibit Pin Input
0
1.5
V
Inhibit Pin Open Circuit Voltage
11.0
14.0
V
UVLO Turn On
14.9
V
UVLO Turn Off
11.8
V
SWITCHING FREQUENCY
225
325
kHz
ISOLATION Input / Output / Case
500 VDC
100
MΩ
MAIN OUTPUT
DVST283R3xxyyT
DVST285xxyyT
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
VOUT
TCASE = 25°C
3.26
3.30
3.34
4.95
5.00
5.05
V
OUTPUT
Voltage
VOUT
TCASE = -55°C to +100°C
3.23
3.30
3.37
4.90
5.00
5.10
V
Power
2
0
15
0
20
W
Current
2
VOUT
0
4.5
0
4.0
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
20
50
20
50
mVp-p
Line Regulation
VOUT
VIN = 15V to 50V
5
20
5
20
mV
Load Regulation
VOUT
No Load to Full Load
10
30
10
30
mV
EFFICIENCY
73
76
%
CAPACITIVE LOAD
1000
1000
µF
DYNAMIC
Load Step Output Transient
VOUT
200
400
200
400
mVPK
Load Step Recovery
3
Half Load to Full Load
200
400
200
400
µSec
Line Step Output Transient
VOUT
400
600
400
600
mVPK
Line Step Recovery
3
VIN = 15V to 50V
400
600
400
600
µSec
Turn On Delay
VOUT
15
20
15
20
mSec
Turn On Overshoot
VIN = 0V to 28V
0
30
0
50
mVPK


Similar Part No. - DVST283R31515T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVST283R31515TML VPT-DVST283R31515TML Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DVST283R31515T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DV200-2800S DELTA-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVCH2800S DELTA-DVCH2800S Datasheet
305Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com