Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVST2851512T-XXX Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # DVST2851512T-XXX
Description  HIGH RELIABILITY DC-DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVST2851512T-XXX Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button DVST2851512T-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DVST2851512T-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVST2851512T-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVST2851512T-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVST2851512T-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVST2851512T-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVST2851512T-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVST2851512T-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVST2851512T-XXX Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DVST2800T Series
90054DSD
6
SPECIFICATIONS (T
CASE = -55°C to +100°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Operating Case Temperature
-55°C to +100°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-55°C to +125°C
Output Power
1
30 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +100°C)
15 Watts
Weight (Maximum)
100 Grams
AUXILIARY OUTPUT
DVST28x3R3yyT
DVST28x5yyT
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
VOUT
TCASE = 25°C
3.23
3.30
3.37
4.90
5.00
5.10
V
OUTPUT
Voltage
VOUT
TCASE = -55°C to +100°C
3.20
3.30
3.40
4.85
5.00
5.15
V
Power
2
4
5
W
Current
2
VOUT
1.2
1.0
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
25
50
25
50
mVp-p
Line Regulation
VOUT
VIN = 15V to 50V
5
20
5
20
mV
Load Regulation
VOUT
No Load to Full Load
10
30
10
30
mV
CAPACITIVE LOAD
1000
1000
µF
DYNAMIC
Load Step Output Transient
VOUT
100
200
100
200
mVPK
Load Step Recovery
3
Half Load to Full Load
100
200
100
200
µSec
Line Step Output Transient
VOUT
100
200
100
200
mVPK
Line Step Recovery
3
VIN = 15V to 50V
100
200
100
200
µSec
Turn On Delay
VOUT
2
20
2
20
mSec
Turn On Overshoot
VIN = 0V to 28V
0
50
0
50
mVPK
Notes: 1. Dependant on output voltage.
2. Derate linearly from full rating at 100°C to 0 at 110°C.
3. Time for output voltage to settle to within 1% of its nominal value.
CONNECTION DIAGRAM
3
IN COM
4
INH
1
28V IN
5
+MAIN OUT
6
MAIN RET
LOAD
+
-
28 Vdc
2
DVST2800T
CASE
7
+AUX1 OUT
8
AUX1 RET
LOAD
9
+AUX2 OUT
10
AUX2 RET
LOAD
Figure 2


Similar Part No. - DVST2851512T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVST2851512TML VPT-DVST2851512TML Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DVST2851512T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DV200-2800S DELTA-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVCH2800S DELTA-DVCH2800S Datasheet
305Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com