Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL1200A22G Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CL1200A22G
Description  SINGLE CORLORED, BI-COLORED LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CL1200A22G Datasheet(HTML) 1 Page - CIT Relay & Switch

  CL1200A22G Datasheet HTML 1Page - CIT Relay & Switch CL1200A22G Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
160 +/- 50gF
Actuator Travel
.25 +/- .1mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
6/6 Nylon
Housing
6/6 Nylon
Cover
PC
Contacts
Stainless Steel, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
DIMENSIONS
WITHOUT FRAME & CAP
A - CAP
B - CAP
CL1200
1. Series:
CL1200
CL1200
A
2. Cap Style:
Blank = No Cap
A = Square Cap
B = Round Cap
2
3. Frame Color:
Blank = No Frame
2 = Black
9 = Gray
2
4. Cap Color:
Blank = No Cap
2 = Black
3 = Red
4 = Yellow
5 = Green
9 = Gray
R
G
5. First LED Color:
N = No LED
R = Red
G = Green
Y = Yellow
B = Blue
**Not Available in Bi-color
RS = Super Bright Red
GS = Super Bright Green
YS = Super Bright Yellow
BS = Super Bright Blue
6. Second LED Color: **For Bi-color LED Option
Blank = No Second LED
R = Red
G = Green
Y = Yellow
B = Blue


Similar Part No. - CL1200A22G

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CL1200A22 CIT-CL1200A22 Datasheet
236Kb / 3P
   CIT SWITCH
More results

Similar Description - CL1200A22G

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDR-SJE-Q2R-1 DOMINANT-DDR-SJE-Q2R-1 Datasheet
816Kb / 14P
   LED Colored Resin
DDY-EJE-T2U-1 DOMINANT-DDY-EJE-T2U-1 Datasheet
816Kb / 12P
   LED Colored Resin
L3X-C60D0-I2 DOMINANT-L3X-C60D0-I2 Datasheet
1Mb / 15P
   Standard brightness colored diffused LED lamp
logo
List of Unclassifed Man...
QBLP600-RIB ETC1-QBLP600-RIB Datasheet
493Kb / 8P
   BI COLOR LED
QBLP613-RIG ETC-QBLP613-RIG Datasheet
579Kb / 11P
   LED BI-COLOR
QBLP631-RAG ETC-QBLP631-RAG Datasheet
690Kb / 9P
   Bi-Color LED
QBLP600-RAG ETC1-QBLP600-RAG Datasheet
596Kb / 9P
   LED BI COLOR
logo
DB Lectro Inc
BTL-32NRYGC DBLECTRO-BTL-32NRYGC Datasheet
210Kb / 3P
   BI-COLOR LED
logo
List of Unclassifed Man...
QBLP613-RIG ETC1-QBLP613-RIG Datasheet
654Kb / 12P
   BI-Color LED
QBLP650-RAG ETC1-QBLP650-RAG Datasheet
403Kb / 10P
   BI COLOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com