Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVST2853R35T-XXX Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DVST2853R35T-XXX
Description  HIGH RELIABILITY DC-DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVST2853R35T-XXX Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DVST2853R35T-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVST2853R35T-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVST2853R35T-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVST2853R35T-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVST2853R35T-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVST2853R35T-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVST2853R35T-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVST2853R35T-XXX Datasheet HTML 12Page - Delta Electronics, Inc. DVST2853R35T-XXX Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DVST2800T Series
90054DSD
11
PACKAGE PIN DESCRIPTION
Pin
Function
Description
1
28V IN
Positive Input voltage Connection
2
CASE
Case Connection
3
IN COM
Input Common Connection
4
INHIBIT
Logic Low = Disabled Output. Connecting the inhibit pin to input common (PIN 7)
causes converter shutdown.
Logic High = Enabled Output. Unconnected or open collector TTL.
5
+MAIN OUT
Main Positive Output Voltage Connection
6
MAIN RET
Main Output Return Connection
7
+AUX1 OUT
Auxiliary Positive Output Voltage Connection
8
AUX1 RET
Auxiliary Output Return Connection
9
+AUX2 OUT
Auxiliary Positive Output Voltage Connection
10
AUX2 RET
Auxiliary Output Return Connection
ENVIRONMENTAL SCREENING
Screening
Condition
Standard
(No Suffix)
Military
/ML
Pre-Cap Inspection
IPC-A-610 Class II
Temperature Cycling
-55°C, 100°C, 10 Cycles
Burn-In
96 hours at +100°C
12 hours at +100°C
Final Electrical
100% at -55°C, 25°C, 100°C
1
100% at 25°C
Final Inspection
MIL-STD-883, Test Method 2009


Similar Part No. - DVST2853R35T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVST2853R35TML VPT-DVST2853R35TML Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DVST2853R35T-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DV200-2800S DELTA-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVCH2800S DELTA-DVCH2800S Datasheet
305Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com