Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVSA2805S-XXX Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DVSA2805S-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVSA2805S-XXX Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DVSA2805S-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVSA2805S-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVSA2805S-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVSA2805S-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVSA2805S-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVSA2805S-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVSA2805S-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVSA2805S-XXX Datasheet HTML 12Page - Delta Electronics, Inc. DVSA2805S-XXX Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DVSA2800S Series
1X001DSF
11
ENVIRONMENTAL SCREENING (100% Tested Per MIL-STD-883 as referenced to MIL-PRF-38534)
Screening
MIL-STD-883
Standard
(No Suffix)
Extended
/ES
HB
/HB
Class H
/H
Class K
/K
Non-
Destructive
Bond Pull
Method 2023
Internal
Visual
Method 2017, 2032
Internal Procedure
Temperature
Cycling
Method 1010, Condition C
Method 1010, -55°C to 125°C
Constant
Acceleration
Method 2001, 3000g, Y1 Direction
Method 2001, 500g, Y1 Direction
PIND
Method 2020, Condition A
2
Pre Burn-In
Electrical
100% at 25°C
Burn-In
Method 1015, 320 hours at +125°C
Method 1015, 160 hours at +125°C
96 hours at +125°C
24 hours at +125°C
Final
Electrical
MIL-PRF-38534, Group A
1
100% at 25°C
Hermeticity
Method 1014, Fine Leak, Condition A
Method 1014, Gross Leak, Condition C
Dip (1 x 10
-3)
Radiography
Method 2012
3
External
Visual
Method 2009
Notes:
1.
100% R&R testing at –55°C, +25°C, and +125°C with all test data included in product shipment.
2.
PIND test Certificate of Compliance included in product shipment.
3.
Radiographic test Certificate of Compliance and film(s) included in product shipment.


Similar Part No. - DVSA2805S-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVSA2805S VPT-DVSA2805S Datasheet
351Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2805SES VPT-DVSA2805SES Datasheet
351Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2805SH VPT-DVSA2805SH Datasheet
351Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2805SHB VPT-DVSA2805SHB Datasheet
351Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2805SK VPT-DVSA2805SK Datasheet
351Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVSA2805S-XXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com