Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVHV2815SF-XXX Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DVHV2815SF-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVHV2815SF-XXX Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DVHV2815SF-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVHV2815SF-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVHV2815SF-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVHV2815SF-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVHV2815SF-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVHV2815SF-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVHV2815SF-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVHV2815SF-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVHV2815SF-XXX Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DVHV2800S Series
1X020DSF
8
OUTPUT VOLTAGE TRIM
The output voltage can be trimmed down by
connecting a resistor between the TRIM pin
(PIN 3) and the +V OUT pin (PIN 5), or can
be trimmed up by connecting a resistor
between the TRIM pin (PIN 3) and the OUT
COM pin (PIN 4). The maximum trim range
is +10% up and –20% down. The
appropriate resistor values versus the
output voltage are given in the trim table
below.
Figure 8 – Output Voltage Trim
DVHV283R3S
DVHV2805S
DVHV285R2S
DVHV2812S
DVHV2815S
+VOUT (V)
RTRIM (Ω)
+VOUT (V)
RTRIM (Ω)
+VOUT (V)
RTRIM (Ω)
+VOUT (V)
RTRIM (Ω)
+VOUT (V)
RTRIM (Ω)
3.75
25.4k
5.5
19k
5.7
23k
13.2
5.93k
16.75
0
3.70
32.5k
5.4
31.5k
5.6
36.5k
13.0
10.1k
16.50
1.67k
3.65
41.8k
5.3
52.3k
5.5
59k
12.8
16.5k
16.25
5k
3.60
54.2k
5.2
94k
5.4
104k
12.6
27.1k
16.00
10k
3.55
71.6k
5.1
219k
5.3
239k
12.4
48.4k
15.75
18.3k
3.50
98.2k
5.0
-
5.2
-
12.2
113.7k
15.50
35k
3.45
143.2k
4.9
209k
5.1
249.8k
12.0
-
15.25
85k
3.40
236k
4.8
84k
5.0
104k
11.8
437k
15.00
-
3.35
543k
4.7
42.3k
4.9
55.4k
11.6
209k
14.75
475k
3.30
-
4.6
21.5k
4.8
31.1k
11.4
132k
14.50
225k
3.25
102k
4.5
9k
4.7
16.5k
11.2
93k
14.25
142k
3.20
34.8k
4.4
0
4.6
6.8k
11.0
69.5k
14.00
100k
3.15
10.5k
10.8
53.8k
13.75
75k
3.10
0
10.6
42.6k
13.50
58.3k
10.4
34.2k
13.25
46.4k
10.2
27.6k
13.00
37.5k
10.0
22.4k
12.75
30.6k
9.8
18.1k
12.50
25k
9.6
14.5k
12.25
20.5k
9.4
11.5k
12.00
16.7k
9.2
8.88k
9.0
6.63k


Similar Part No. - DVHV2815SF-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVHV2815SFES VPT-DVHV2815SFES Datasheet
678Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHV2815SFH VPT-DVHV2815SFH Datasheet
678Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHV2815SFHB VPT-DVHV2815SFHB Datasheet
678Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHV2815SFK VPT-DVHV2815SFK Datasheet
678Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVHV2815SF-XXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com