Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVHE28SF-XXX Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DVHE28SF-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVHE28SF-XXX Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DVHE28SF-XXX Datasheet HTML 1Page - Delta Electronics, Inc. DVHE28SF-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DVHE28SF-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DVHE28SF-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DVHE28SF-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVHE28SF-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVHE28SF-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVHE28SF-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVHE28SF-XXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DVHE2800S Series
1X055DSA
3
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
40 VDC
Junction Temperature Rise to Case
+10°C
Input Voltage (Transient, 1 second)
50 Volts
Storage Temperature
-65°C to +150°C
Output Power
1
50 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
9 Watts
Weight (Maximum) (Un-Flanged / Flanged)
(49 / 52) Grams
DVHE283R3S
DVHE2805S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
Continuous
16
28
40
16
28
40
V
INPUT
Voltage
4
Transient, 1 sec
-
-
50
-
-
50
V
Inhibited
-
-
6
-
-
6
mA
Current
No Load
110
-
-
140
mA
Ripple Current
Full Load, 20Hz to 10MHz
150
-
-
150
mAp-p
Inhibit Pin Input
4
0
-
1.5
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
4
7
9
11
7
9
11
V
UVLO Turn On
14
15
15.8
14
15
15.8
V
UVLO Turn Off
4
13
14
15
13
14
15
V
VOUT
TCASE = 25°C
3.27
3.30
3.33
4.95
5.00
5.05
V
OUTPUT
Voltage
VOUT
TCASE = -55°C to +125°C
3.22
3.30
3.38
4.87
5.00
5.13
V
Power
3
0
33
0
-
50
W
Current
3
VOUT
0
10
0
-
10
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
75
150
-
100
200
mVp-p
Line Regulation
VOUT
VIN = 16V to 40V
1
10
-
1
10
mV
Load Regulation
VOUT
No Load to Full Load
15
30
-
15
30
mV
EFFICIENCY
85
88
86
90
%
Overload
4
10
-
-
12
W
LOAD FAULT POWER DISSIPATION
Short Circuit
14
-
-
14
W
CAPACITIVE LOAD
4
5000
-
-
5000
µF
SWITCHING FREQUENCY
220
260
300
300
350
400
kHz
ISOLATION
500 VDC
100
-
-
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
381
-
-
381
-
kHrs
DYNAMIC
Load Step Output Transient
VOUT
-
200
350
-
250
400
mVPK
Load Step Recovery
2
Half Load to Full Load
200
300
-
200
300
µSec
Line Step Output Transient
4
VOUT
-
150
250
-
300
350
mVPK
Line Step Recovery
2, 4
VIN = 16V to 40V
200
300
-
200
300
µSec
Turn On Delay
VOUT
-
-
30
-
-
20
mSec
Turn On Overshoot
VIN = 0V to 28V
-
15
-
-
25
mVPK
Notes: 1. Dependant on output voltage.
2. Time for output voltage to settle within 1% of its nominal value.
3. Derate linearly to 0 at 135°C.
4. Verified by qualification testing.


Similar Part No. - DVHE28SF-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVHE2800S VPT-DVHE2800S Datasheet
497Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2805S VPT-DVHE2805S Datasheet
497Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2805SFES VPT-DVHE2805SFES Datasheet
497Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2805SFH VPT-DVHE2805SFH Datasheet
497Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2805SFK VPT-DVHE2805SFK Datasheet
497Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVHE28SF-XXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com