Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVME28-XXX Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DVME28-XXX
Description  HIGH RELIABILITY HYBRID EMI FILTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVME28-XXX Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DVME28-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DVME28-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVME28-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVME28-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVME28-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVME28-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVME28-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVME28-XXX Datasheet HTML 12Page - Delta Electronics, Inc. DVME28-XXX Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DVME28 Series
1X016DSF
10
PACKAGE PIN DESCRIPTION
Pins
Function
Description
1, 2, 3
28V IN
Positive Input Voltage Connection
4, 5, 6
IN COM
Input Common Connection
7, 8, 9
OUT COM
Output Common Connection
10, 11, 12
28V OUT
Positive Output Voltage Connection


Similar Part No. - DVME28-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVME28 VPT-DVME28 Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28FDLES VPT-DVME28FDLES Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28FDLH VPT-DVME28FDLH Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28FDLHB VPT-DVME28FDLHB Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28FDLK VPT-DVME28FDLK Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results

Similar Description - DVME28-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DV-704A DELTA-DV-704A Datasheet
344Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 DELTA-DVMD28 Datasheet
293Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 DELTA-DVMSA28 Datasheet
317Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMD28 VPT-DVMD28 Datasheet
1Mb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28 VPT-DVME28 Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
List of Unclassifed Man...
DVMA28 ETC-DVMA28 Datasheet
310Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28 ETC-DVMC28 Datasheet
394Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com