Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVHE281R9SF-XXX Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DVHE281R9SF-XXX
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVHE281R9SF-XXX Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DVHE281R9SF-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DVHE281R9SF-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DVHE281R9SF-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DVHE281R9SF-XXX Datasheet HTML 9Page - Delta Electronics, Inc. DVHE281R9SF-XXX Datasheet HTML 10Page - Delta Electronics, Inc. DVHE281R9SF-XXX Datasheet HTML 11Page - Delta Electronics, Inc. DVHE281R9SF-XXX Datasheet HTML 12Page - Delta Electronics, Inc. DVHE281R9SF-XXX Datasheet HTML 13Page - Delta Electronics, Inc. DVHE281R9SF-XXX Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DVHE2800S Series
1X055DSA
10
PACKAGE SPECIFICATIONS (NON-FLANGED, SEAM SEAL)
TOP VIEW
SIDE VIEW
PIN
FUNCTION
1
28V IN
2
TRIM
3
-S
4
OUT COM
5
+V OUT
6
+S
7
CASE
8
CASE
9
INHIBIT
10
IN COM
BOTTOM VIEW
Figure 15 – Non-Flanged, Seam Seal Package and Pinout
(Dimensional Limits are ±0.005” Unless Otherwise Stated)


Similar Part No. - DVHE281R9SF-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVHE281R9SFES VPT-DVHE281R9SFES Datasheet
497Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE281R9SFH VPT-DVHE281R9SFH Datasheet
497Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE281R9SFK VPT-DVHE281R9SFK Datasheet
497Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVHE281R9SF-XXX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com