Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES29LV800D Datasheet(PDF) 22 Page - Excel Semiconductor Inc.

Part # ES29LV800D
Description  8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV800D Datasheet(HTML) 22 Page - Excel Semiconductor Inc.

Back Button ES29LV800D Datasheet HTML 18Page - Excel Semiconductor Inc. ES29LV800D Datasheet HTML 19Page - Excel Semiconductor Inc. ES29LV800D Datasheet HTML 20Page - Excel Semiconductor Inc. ES29LV800D Datasheet HTML 21Page - Excel Semiconductor Inc. ES29LV800D Datasheet HTML 22Page - Excel Semiconductor Inc. ES29LV800D Datasheet HTML 23Page - Excel Semiconductor Inc. ES29LV800D Datasheet HTML 24Page - Excel Semiconductor Inc. ES29LV800D Datasheet HTML 25Page - Excel Semiconductor Inc. ES29LV800D Datasheet HTML 26Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
ES I
ES I
22
Rev. 1D January 5, 2006
ES29LV800D
Excel Semiconductor inc.
In the ES29LV800 device, several bits are provided
to determine the status of a program or erase oper-
ation: DQ2, DQ3, DQ5, DQ6, DQ7 and RY/BY#.
Table 6 and the following subsections describe the
function of these bits. DQ7 and DQ6 each offer a
method for determining whether a program or erase
operation is complete or in progress. The device
also provides a hardware-based output signal, RY/
BY#, to determine whether an Embedded Program
or Erase operation is in progress or has been com-
pleted.
DQ7 (DATA# POLLING)
The Data# Polling bit, DQ7, indicates to the host
system whether an Embedded Program or Erase
algorithm is in progress or completed, or whether a
device is in Erase Suspend. Data# Polling is valid
after the rising edge of the final WE# pulse in the
command sequence.
During Programming
During the Embedded Program algorithm, the
device outputs on DQ7 the complement of the
datum programmed to DQ7. This DQ7 status also
applies to programming during Erase Suspend.
When the Embedded Program algorithm is com-
plete, the device outputs the datum programmed to
DQ7. The system must provide the program
address to read valid status information on DQ7. If
a program address falls within a protected sector,
Data# Polling on DQ7 is active for approximately
250ns, then the device returns to the read mode.
During Erase
During the Embedded Erase algorithm, Data# Poll-
ing produces a “0” on DQ7. When the Embedded
Erase algorithm is complete, or if the device enters
the Erase Suspend mode, Data# polling produces a
“1” on DQ7. The system must provide an address
within any of the sectors selected for erasure to read
valid status information on DQ7.
Erase on the Protected Sectors
After an erase command sequence is written, if all
sectors selected for erasing are protected, Data#
Polling on DQ7 is active for approximately 1.8us,
then the device returns to the read mode. If not all
selected sectors are protected, the Embedded Erase
algorithm erases the unprotected sectors, and
ignores the selected sectors that are protected. How-
ever, if the system reads DQ7 at an address within a
protected sector, the status may not be valid.
Data# Polling Algorithm
Just prior to the completion of an Embedded
Program or Ease operation, DQ7 may change
asynchronously
with
DQ0-DQ6
while
Output
Enable(OE#) is asserted low. That is, this device
may change from providing status information to
valid data on DQ7. Depending on when the system
samples the DQ7 output, it may read the status or
valid data. Even if the device has completed
the
program or erase operation and DQ7 has valid data,
the data outputs on DQ0-DQ7 will appear on
successive read cycles.
Table 6 shows the outputs for Data# Polling on DQ7.
Fig. 9 shows the Data# Polling algorithm. Fig. 22 in
the AC Characteristics section shows the Data#
Polling timing diagram.
WRITE OPERATION STATUS


Similar Part No. - ES29LV800D

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV800D-12RTG EXCELSEMI-ES29LV800D-12RTG Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV800D-70TG EXCELSEMI-ES29LV800D-70TG Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV800D-70WC EXCELSEMI-ES29LV800D-70WC Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV800D-70WC EXCELSEMI-ES29LV800D-70WC Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV800D-90WCI EXCELSEMI-ES29LV800D-90WCI Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29LV800D

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV800E EXCELSEMI-ES29LV800E Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com