Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DV200-27005D-XXX Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DV200-27005D-XXX
Description  HIGH RELIABILITY DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DV200-27005D-XXX Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DV200-27005D-XXX Datasheet HTML 1Page - Delta Electronics, Inc. DV200-27005D-XXX Datasheet HTML 2Page - Delta Electronics, Inc. DV200-27005D-XXX Datasheet HTML 3Page - Delta Electronics, Inc. DV200-27005D-XXX Datasheet HTML 4Page - Delta Electronics, Inc. DV200-27005D-XXX Datasheet HTML 5Page - Delta Electronics, Inc. DV200-27005D-XXX Datasheet HTML 6Page - Delta Electronics, Inc. DV200-27005D-XXX Datasheet HTML 7Page - Delta Electronics, Inc. DV200-27005D-XXX Datasheet HTML 8Page - Delta Electronics, Inc. DV200-27005D-XXX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DV200-27000D Series
15007DSC
3
SPECIFICATIONS (T
CASE = -55°C to +100°C, VIN = +270V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
400 VDC
Junction Temperature Rise to Case
+25°C
Input Voltage (Transient, 1 second)
4
500 Volts
Storage Temperature
-65°C to +135°C
Output Power
1,3
175 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +100°C)
38 Watts
Weight (Maximum)
115 Grams
DV200-27005D
DV200-27012D
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC
Load Step Output Transient
±VOUT
-
200
400
-
500
900
mVPK
Load Step Recovery
2
Half Load to Full Load
-
200
300
-
200
400
µSec
Line Step Output Transient
4
±VOUT
-
200
500
-
600
1200
mVPK
Line Step Recovery
2, 4
VIN = 180V to 400V
-
100
200
-
200
400
µSec
Turn On Delay
±VOUT
-
150
300
-
150
300
mSec
Turn On Overshoot
2
VIN = 0V to 270V
-
0
25
-
0
50
mVPK
Notes: 1. Dependant on output voltage.
2. Time for output voltage to settle within 1% of its nominal value.
3. Derate linearly to 0 at 110°C.
4. Verified by qualification testing.
5. Half load at +VOUT and half load at –VOUT.
6. Up to 70% of the total power or current can be drawn from any one of the two outputs.


Similar Part No. - DV200-27005D-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-27005D VPT-DV200-27005D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DV200-27005D-XXX

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DV200-2800D VPT-DV200-2800D Datasheet
200Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-2800D ETC-DV200-2800D Datasheet
198Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DVST2800T VPT-DVST2800T Datasheet
560Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVST2800T DELTA-DVST2800T Datasheet
260Kb / 13P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-2800S DELTA-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-2800S VPT-DV200-2800S Datasheet
189Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTERS
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
   HIGH RELIABILITY DC-DC CONVERTERS
logo
Delta Electronics, Inc.
DVCH2800S DELTA-DVCH2800S Datasheet
305Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com