Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES25P80-75IG2R Datasheet(PDF) 11 Page - Excel Semiconductor Inc.

Part # ES25P80-75IG2R
Description  8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P80-75IG2R Datasheet(HTML) 11 Page - Excel Semiconductor Inc.

Back Button ES25P80-75IG2R Datasheet HTML 7Page - Excel Semiconductor Inc. ES25P80-75IG2R Datasheet HTML 8Page - Excel Semiconductor Inc. ES25P80-75IG2R Datasheet HTML 9Page - Excel Semiconductor Inc. ES25P80-75IG2R Datasheet HTML 10Page - Excel Semiconductor Inc. ES25P80-75IG2R Datasheet HTML 11Page - Excel Semiconductor Inc. ES25P80-75IG2R Datasheet HTML 12Page - Excel Semiconductor Inc. ES25P80-75IG2R Datasheet HTML 13Page - Excel Semiconductor Inc. ES25P80-75IG2R Datasheet HTML 14Page - Excel Semiconductor Inc. ES25P80-75IG2R Datasheet HTML 15Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ES I
ES I
11
Rev. 0D May, 11, 2006
ES25P80
Excel Semiconductor inc.
ADVANCED INFORMATION
0
0
0
0
0
1
0
0
0
0
0
0
0
1
1
0
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 4) sets
the Write Enable Latch (WEL) bit. The Write Enable
Latch (WEL) bit must be set prior to every Page Pro-
gram (PP or PPP), Erase (SE, BE or PE) and Write
Status Register (WRSR) instruction. The Write
Enable (WREN) instruction is entered by driving
Chip Select (CS#) Low, sending the instruction code,
and then driving Chip Select (CS#) High.
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 5)
resets the Write Enable Latch (WEL) bit. The Write
Disable (WRDI) instruction is entered by driving Chip
Select (CS#) Low, sending the instruction code, and
then driving Chip Select (CS#) High.
The Write Enable (WEL) bit is reset under the follow-
ing conditions :
- Power-up
- WRDI instruction completion
- WRSR instruction completion
- PP instruction completion
- SE instruction completion
- BE instruction completion
0
1
2
3
4
5
6
7
Figure 4. Write Enable ( WREN ) Instruction Sequence
SCK
CS#
SI
SO
Instruction
High Impedance
0
1
2
3
4
5
6
7
Figure 5. Write Disable ( WRDI ) Instruction Sequence
SCK
CS#
SI
SO
Instruction
High Impedance


Similar Part No. - ES25P80-75IG2R

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES25P16 EXCELSEMI-ES25P16 Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

Similar Description - ES25P80-75IG2R

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P16 EXCELSEMI-ES25P16 Datasheet
435Kb / 35P
   16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com