Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES29LV160E Datasheet(PDF) 26 Page - Excel Semiconductor Inc.

Part # ES29LV160E
Description  16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV160E Datasheet(HTML) 26 Page - Excel Semiconductor Inc.

Back Button ES29LV160E Datasheet HTML 22Page - Excel Semiconductor Inc. ES29LV160E Datasheet HTML 23Page - Excel Semiconductor Inc. ES29LV160E Datasheet HTML 24Page - Excel Semiconductor Inc. ES29LV160E Datasheet HTML 25Page - Excel Semiconductor Inc. ES29LV160E Datasheet HTML 26Page - Excel Semiconductor Inc. ES29LV160E Datasheet HTML 27Page - Excel Semiconductor Inc. ES29LV160E Datasheet HTML 28Page - Excel Semiconductor Inc. ES29LV160E Datasheet HTML 29Page - Excel Semiconductor Inc. ES29LV160E Datasheet HTML 30Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
ES I
ES I
26
Rev. 0B January 5 , 2006
ES29LV160E
Excel Semiconductor inc.
RY/BY# ( READY/BUSY# )
The RY/BY# is a dedicated, open-drain output pin
which indicates whether an Embedded Algorithm is
in progress or complete. The RY/BY# status is valid
after the rising edge of the final WE# pulse in the
command sequence. Since RY/BY# is an open-
drain output, several RY/BY# pins can be tied
together in parallel with a pull-up resistor to Vcc. If
the output is low (Busy), the device is actively eras-
ing or programming. (This includes programming in
the Erase Suspend mode.) If the output is high
(Ready), the device is in the read mode, the
standby mode, or in the erase-suspend-read mode.
Table 10 shows the outputs for RY/BY#.
DQ6 ( TOGGLE BIT I )
Toggle Bit I on DQ6 indicates whether an Embed-
ded Program or Erase algorithm is in progress or
complete, or whether the device has entered the
Erase Suspend mode. Toggle Bit I may be read at
any address, and is valid after the rising edge of the
final WE# pulse in the command sequence ( prior to
the program or erase operation), and during the sec-
tor erase time-out. During an Embedded Program or
Erase algorithm operation, successive read cycles to
any address cause DQ6 to toggle. The system may
use either OE# or CE# to control the read cycles.
When the operation is complete, DQ6 stops tog-
gling.
The system can use DQ6 and DQ2 together to
determine whether a sector is actively erasing or is
erase-suspended. When the device is actively eras-
ing (that is, the Embedded Erase algorithm is in
progress), DQ6 toggles. When the device enters the
Erase Suspend mode, DQ6 stops toggling. How-
ever, the system must also use DQ2 to determine
which sectors are erasing or erase-suspended.
Alternatively, the system can use DQ7(see the sub-
section on DQ7:Data# Polling). DQ6 also toggles
during the erase-suspend-program mode, and stops
toggling once the Embedded Program algorithm is
complete.
Table 10 shows the outputs for Toggle Bit I on DQ6.
Fig. 10 shows the toggle bit algorithm. Fig. 23 in the
“AC Characteristics” section shows the toggle bit
timing diagrams. Fig. 24 shows the differences
between DQ2 and DQ6 in graphical form. See also
the subsection on DQ2 : (Toggle Bit II).
Toggling on the Protected Sectors
After an erase command sequence is written, if all
sectors selected for erasing are protected, DQ6 tog-
gles for approximately 1.8us, then returns to reading
array data. If not all selected sectors are protected,
the Embedded Erase algorithm erases the unpro-
tected sectors, and ignores the selected sectors that
are protected. If a program address falls within a
protected sector, DQ6 toggles for approximately
250ns after the program command sequence is writ-
ten, then returns to reading array data.
DQ2 ( TOGGLE BIT II )
The “Toggle Bit II” on DQ2, when used with DQ6,
indicates whether a particular sector is actively eras-
ing (that is, the Embedded Erase algorithm is in
progress), or whether that sector is erase-sus-
pended. Toggle Bit II is valid after the rising edge of
the final WE# pulse in the command sequence DQ2
START
No
Read DQ7-DQ0
Addr = VA
DQ7 = Data ?
No
Yes
FAIL
DQ5 = 1 ?
Read DQ7-DQ0
Addr = VA
DQ7 = Data ?
Yes
PASS
Yes
No
Notes:
1. VA = Valid address for programming. During a sector erase
operation, a valid address is any sector address within the
sector being erased. During chip erase, a valid address in
any non-protected sector address.
2. DQ7 should be rechecked even if DQ5 = “1” because
DQ7 may change simultaneously with DQ5
Figure 9. Data# Polling Algorithm


Similar Part No. - ES29LV160E

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV160E-12RTG EXCELSEMI-ES29LV160E-12RTG Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160E-90WC EXCELSEMI-ES29LV160E-90WC Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160EB-12RTG EXCELSEMI-ES29LV160EB-12RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160EB-12TG EXCELSEMI-ES29LV160EB-12TG Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160ET-80TG EXCELSEMI-ES29LV160ET-80TG Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29LV160E

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV320D EXCELSEMI-ES29LV320D Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV800D EXCELSEMI-ES29LV800D Datasheet
679Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com