Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ES25P80 Datasheet(PDF) 1 Page - Excel Semiconductor Inc.

Part No. ES25P80
Description  8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EXCELSEMI [Excel Semiconductor Inc.]
Homepage  
Logo 

ES25P80 Datasheet(HTML) 1 Page - Excel Semiconductor Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ES I
ES I
1
Rev. 0D May, 11, 2006
ES25P80
Excel Semiconductor inc.
ADVANCED INFORMATION
ES25P80
8Mbit CMOS 3.0 Volt Flash Memory
with 75Mhz SPI Bus Interface
ARCHITECTURAL ADVANTAGES
• Single power supply operation
- 2.7V -3.6V for read and program operations
• Memory Architecture
- Sixteen sectors with 512 Kb each
• Program
- Page program ( up to 256 bytes) in 1.5ms (typical)
- Program cycles are on a page by page basis
•Erase
- 0.5s typical sector erase time
- 6s typical bulk erase time
• Endurance
- 100,000 cycles per sector (typical)
• Data Retention
- 20 years (typical)
• Parameter Page
- 256 Byte page independent from main memory
for parameter storage
- Seperate from array, erase time < 20ms
• Device ID
- JEDEC standard two-byte electronic signature
- RES instruction one-byte electronic signature for
backward compatibility
- Manufacturer and device type ID
• Process Technology
- Manufactured on 0.18um process technology
• Package Option
- Industry Standard Pinouts
- 8-pin SO (208mil) package
- All Pb-Free devices are RoHS Compliant
PERFORMANCE CHARACTERISTICS
•Speed
- 75Mhz clock rate (maximum)
• Power Saving Standby Mode
- Standby mode 50uA (max)
- Deep Power Down Mode 1uA (typical)
MEMORY PROTECTION FEATURES
• Memory Protection
- W# pin works in conjunction with Status Register Bits
to protect specified memory areas
- Status Register Block Protection Bits (BP2, BP1, BP0)
in status register configure parts of memory as read
only
SOFTWARE FEATURES
• SPI Bus Compatible Serial Interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn