Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES25P16 Datasheet(PDF) 27 Page - Excel Semiconductor Inc.

Part # ES25P16
Description  16Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P16 Datasheet(HTML) 27 Page - Excel Semiconductor Inc.

Back Button ES25P16 Datasheet HTML 23Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 24Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 25Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 26Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 27Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 28Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 29Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 30Page - Excel Semiconductor Inc. ES25P16 Datasheet HTML 31Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
ES I
ES I
27
Rev. 0E May 11 , 2006
ES25P16
Excel Semiconductor inc.
ADVANCED INFORMATION
Figure 23. Power-Up Timing
Time
Vcc
Vccmax
Vccmin
Full Device Access
tPU
Table 5. Power-Up Timing
Symbol
Parameter
Min.
Max.
Unit
Vcc (min)
Vcc (minimum)
2.7
V
tPU
Vcc (min) to device operation
10
ms
Initial Delivery State
The device is delivered with all bits set to 1 (each
byte contains FFh). The Status Register contains
00h (all Status Register bits are 0).
Maximum Rating
Stressing the device above the rating listed in the
Absolute Maximum Ratings section below may
cause permanent damage to the device. Theses
are stress ratings only and operation of the device
at these or any other conditions above those indi-
cated in the Operating sections of this specification
is not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect
device reliability.
Absolute Maximum Ratings
Ambient Storage Temperature .... -65oC to +150oC
Voltage with Respect to Ground
All inputs and I/Os ........................... - 0.3V to 4.5V
Operating Ranges
Ambient Operating Temperature (TA)
Commercial .......................................... 0oC to +70oC
Industrial
.............................................. -40oC to +85oC
Positive Power Supply
Voltage Range ...........................................
2.7V to 3.6V
Note:Operating ranges define those limits between
which the functionality of the device is guaranteed


Similar Part No. - ES25P16

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80-75CC2R EXCELSEMI-ES25P80-75CC2R Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80-75CC2T EXCELSEMI-ES25P80-75CC2T Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80-75CC2Y EXCELSEMI-ES25P80-75CC2Y Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results

Similar Description - ES25P16

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
ES25P80 EXCELSEMI-ES25P80 Datasheet
435Kb / 35P
   8Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
logo
Winbond
W19B160BT WINBOND-W19B160BT Datasheet
544Kb / 48P
   16Mbit, 2.7~3.6 volt CMOS flash memory
logo
SPANSION
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com