Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CITR212Q2L Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CITR212Q2L
Description  CIRCUIT BREAKER WITH ON/OFF CAPABILITY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CITR212Q2L Datasheet(HTML) 1 Page - CIT Relay & Switch

  CITR212Q2L Datasheet HTML 1Page - CIT Relay & Switch CITR212Q2L Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
CITR2
CIRCUIT BREAKER WITH ON/OFF CAPABILITY
This unique circuit breaker consists of a thermal circuit
breaker and a rocker switch style housing. When an
overload condition occurs, the contacts will break apart.
By returning the actuator to the OFF position, then back
to ON, the circuit breaker mechanism with reset.
SPECIFICATIONS
Electrical Ratings
8A, 10A, 12A, 15A @ 125VAC
Electrical Life
10,000 cycles typical
Contact Resistance
< 30 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
3000Vrms min (Terminal – Terminal)
Insulation Resistance
> 1,000M
Ω min
Interrupt Capacity
1000A @ 125VAC
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
RoHS COMPLIANT
Actuator
PC (Poly Carbonate)
Housing
Nylon
Rivits
Aluminum
Contacts
AgSnO2
Terminals
Brass
TRIP TIMES / CURRENT LEVELS
% of Rated Current
Trip Time
100
No Trip
150
< 1 Hour
200
3.5 – 60 Sec.
300
0.7 – 10 Sec.
400
0.35 – 5 Sec.
500
0.2 – 2.8 Sec.
600
0.1 – 1.8 Sec.
ORDERING INFORMATION
1. Series:
CITR2
CITR2
2.Contact Ratings:
08 = 8A
10 = 10A
12 = 12A
15 = 15A
15
3. Termination Options:
Q1 = Short Quick Connects
Q2 = Long Quick Connects
RP = Right Angle PC Pins
Q2
4. Lamp Options:
N = No Lamp, Opaque Red Actuator
L = 125VAC Neon, Translucent Red Actuator
K = No Lamp, Translucent Red Actuator
G = 125VAC Neon, Translucent Green Actuator
H = No Lamp, Translucent Green Actuator
L
5. Printing Options:
None = No Printing
S = Reset / OFF
S
- E198027


Similar Part No. - CITR212Q2L

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CIT2211 CANOPUS-CIT2211 Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
CIT2211H35TP CANOPUS-CIT2211H35TP Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
CIT2305 CANOPUS-CIT2305 Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
CIT2305F50BW CANOPUS-CIT2305F50BW Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
CIT2411 CANOPUS-CIT2411 Datasheet
954Kb / 1P
   Self Drive Piezo Transducer (AC)
More results

Similar Description - CITR212Q2L

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T12-122 SCHURTER-T12-122 Datasheet
449Kb / 7P
   Circuit Breaker for Equipment thermal, Flange type, Manual ON/OFF, Screw terminals
logo
Mitsubishi Electric Sem...
M5232L MITSUBISHI-M5232L Datasheet
385Kb / 6P
   VOLTAGE DETECTOR/ON-OFF ALARM CIRCUIT
logo
Schurter Inc.
T12-222 SCHURTER-T12-222 Datasheet
448Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Manual ON/OFF, Screw terminals
T12-121 SCHURTER-T12-121 Datasheet
464Kb / 7P
   Circuit Breaker for Equipment thermal, Flange type, Manual ON/OFF, Quick connect terminals
T12-221 SCHURTER-T12-221 Datasheet
459Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Manual ON/OFF, Quick connect terminals
logo
NTE Electronics
NTE7128 NTE-NTE7128 Datasheet
21Kb / 2P
   Integrated Circuit Positive Voltage Regulator with ON/OFF Feature, 12V, 1A
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Schneider Electric
S33996 SCHNEIDER-S33996 Datasheet
92Kb / 2P
   R-FRAME CIRCUIT BREAKER TOGGLE PADLOCK ATTACHMENT OFF-ONLY
logo
TOKO, Inc
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com