Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CTA1M Datasheet(PDF) 1 Page - CIT Relay & Switch

Part No. CTA1M
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CTA1M Datasheet(HTML) 1 Page - CIT Relay & Switch

  CTA1M Datasheet HTML 1Page - CIT Relay & Switch CTA1M Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Switching capacity up to 20A
Small size and light weight
PCB pin and quick connect mounting available
Suitable for automobile and lamp accessories
QS-9000, ISO-9002 Certified Manufacturing
20.0 x 15.2 x 22.0 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1B = SPDT N.C
Contact Rating
1A: 20A @ 14VDC
1B: 15A @ 14VDC
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
280W
Maximum Switching Voltage
75VDC
Maximum Switching Current
30A
COIL DATA
Coil Voltage
VDC
Rated
Max.
Coil Resistance
Ω ± 10%
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
12
15.6
124
8.4
1.2
24
31.2
489
16.8
2.4
1.16
10
7
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1500V rms min. @ sea level
1000V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.27mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
10N (Quick Connect), 4N (PCB Pins)
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
14.0g
CTA1M


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MS1206 CIT SWITCH 1  CIT Relay & Switch
MS2219 CIT SWITCH 1  CIT Relay & Switch
CTA2 CIT SWITCH 1  2  3  CIT Relay & Switch
WJ098 CIT SWITCH 1  2  CIT Relay & Switch
WJ116 CIT SWITCH 1  2  CIT Relay & Switch
MS1201 CIT SWITCH 1  CIT Relay & Switch
MS1218 CIT SWITCH 1  CIT Relay & Switch
MS2224 CIT SWITCH 1  CIT Relay & Switch
CTA3 CIT SWITCH 1  2  3  CIT Relay & Switch
WJ099 CIT SWITCH 1  2  CIT Relay & Switch

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn