Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP05531 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # XP05531
Description  Silicon NPN epitaxial planer transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP05531 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  XP05531 Datasheet HTML 1Page - Panasonic Semiconductor XP05531 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Composite Transistors
XP05531
Silicon NPN epitaxial planer transistor
For high frequency, oscillation and mixing
s Features
q
High transition frequency fT.
q
Small collector output capacitance Cob and reverse transfer ca-
pacitance Crb.
q
Two elements incorporated into one package.
s Basic Part Number of Element
q
2SC3130
× 2 elements
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Marking Symbol:
5M
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
10
V
Emitter to base voltage
VEBO
3V
Collector current
IC
50
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
Rating
of
element
Overall
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to emitter voltage
VCEO
IC = 2mA, IB = 0
10
V
Emitter to base voltage
VEBO
IE = 10µA, IC = 0
3
V
Collector cutoff current
ICBO
VCB = 10V, IE = 0
1
µA
ICEO
VCE = 10V, IB = 0
10
µA
Forward current transfer ratio
hFE1
VCE = 4V, IC = 5mA
75
400
hFE2/hFE1 ratio
hFE2/hFE1
VCE = 4V, IC = 100µA
0.75
1.6
VCE = 4V, IC = 5mA
Collector to emitter saturation voltage
VCE(sat)
IC = 20mA, IB = 4mA
0.5
V
Transition frequency
fT
VCB = 4V, IE = –5mA, f = 200MHz
1.4
1.9
2.5
GHz
Collector output capacitance
Cob
VCB = 4V, IE = 0, f = 1MHz
0.9
1.1
pF
Common base reverse transfer capacitance
Crb
VCB = 4V, IE = 0, f = 1MHz
0.25
0.35
pF
Collector to base parameter
rbb.CC
VCB = 4V, IE = –5mA, f = 31.9MHz
11.8
13.5
ps
16
5
Tr2
Tr1
2
34
1 : Emitter (Tr1)
4 : Collector (Tr2)
2 : Base (Tr1)
5 : Emitter (Tr2)
3 : Base (Tr2)
6 : Collector (Tr1)
EIAJ : SC–88
S–Mini Type Package (6–pin)
2.1
±0.1
1.25
±0.1
0.425
0.425
1
2
3
6
5
4
0.2
±0.1


Similar Part No. - XP05531

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP05554 PANASONIC-XP05554 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer transistor
More results

Similar Description - XP05531

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com