Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPF2418C Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF2418C
Description  850nm Fiber Optic Receiver Module in Dual-in-Line Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF2418C Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF2418C Datasheet HTML 1Page - OPTEK Technologies OPF2418C Datasheet HTML 2Page - OPTEK Technologies OPF2418C Datasheet HTML 3Page - OPTEK Technologies OPF2418C Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optek Technology, Inc.
sensor@optekinc.com
Carrollton, Texas 75006
(972) 323-2200
www.optekinc.com
May 2003
Issue 1.0
Page 2
OPF0400 Series Technical Data
Data Rate (MBd)
Distance (m)
Transmitter
Receiver
Fiber Size (µm)
5
1500
OPF1414
OPF2412
200 HCS
5
2000
OPF1414
OPF2412
62.5/125
20
2500
OPF1414
OPF2416
62.5/125
30
2000
OPF1414
OPF2416
62.5/125
50
1500
OPF1414
OPF2416
62.5/125
155
300
OPF1414
OPF2418
62.5/125
125
500
OPF1414
OPF2416
62.5/125
Link Selection Guide
Part Number Guide
Distances listed in this guide are for reference only. A link budget should be completed for the specific application to determine actual
distance.
OPF X 4 1 X yy
Type
Options
1 - Transmitter
T - Threaded Receptacle
2 - Receiver
C - Conductive Receiver Receptacle
Family
Transmitter
4 - 850nm Transmitters
4 - High Optical Power
and Receivers
Connector
Receiver
1 - ST Receptacle
2 - 5MBd, TTL Output
6 - 125Mhz, Analog Output
8 - 155Mhz, Analog Output
1
2
3
4
8
7
6
5
Pin
OPF2416
OPF2416T
OPF2416TC
1
N.C.
2
Signal
3
VEE
4
N.C.
5
N.C.
6
VCC
7
VEE
8
N.C.
Bottom View
Optek reserves the right to make changes at any time, without notice, in order to improve design and provide the be product possible.


Similar Part No. - OPF2418C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
   Fiber Optic Receiver
OPF2418T TTELEC-OPF2418T Datasheet
652Kb / 3P
   Fiber Optic Receiver
More results

Similar Description - OPF2418C

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR1320M1X COSMO-KPLR1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320M3X COSMO-KPLR1320M3X Datasheet
168Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320B0X COSMO-KPLR1320B0X Datasheet
209Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320M5X COSMO-KPLR1320M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320A0X COSMO-KPLR1320A0X Datasheet
204Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320ADX COSMO-KPLR1320ADX Datasheet
193Kb / 5P
   FIBER OPTIC Receiver Module
KPLR2500M5X COSMO-KPLR2500M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M3X COSMO-KPLR2500M3X Datasheet
166Kb / 4P
   FIBER OPTIC Receiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com