Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTR-4206 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTR-4206
Description  NPN T-1 Standard Phototransistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTR-4206 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTR-4206 Datasheet HTML 1Page - Lite-On Technology Corporation LTR-4206 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-31
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.5mm (.059") max.
4. Lead spacing is measured where the leads emerge from
the package.
5. Specifications are subject to change without notice.
NPN T-1 Standard
Phototransistor
LTR-4206/LTR-4206E
Features
Wide range of collector currents.
Lens for high sensitivity.
Low cost plastic package.
Description
The LTR-4206 series consist of a NPN silicon
phototransistor mounted in a lensed, clear plastic, end
looking package. The lensing effect of the package
allows an acceptance half angle of 10
measured from
the optical axis to the half power point. This series is
mechanically and spectrally matched to the LTE-4206
series of infrared emitting diodes. The LTR-4206E is a
special dark plastic package that cut the visible light
and suitable for the detectors of infrared application.
Parameter
Power Dissipation
Collector-Emitter Voltage
Emitter-Collector Voltage
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
[1.6mm (.063 in.) from body]
260
for 5 Seconds
100
30
5
mW
V
V
-40
to +85
-55
to +100
Maximum Rating
Unit
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test
Condition
Collector-Emitter Breakdown Voltage
Emitter-Collector Breakdown Voltage
Collector Emitter Saturation Voltage
Rise Time
Fall Time
Collector Dark Current
On State Collector Current
V(BR)CEO
V(BR)ECO
VCE(SAT)
Tr
Tf
ICEO
IC(ON)
30
5
1
1
10
15
4
2
0.4
100
V
V
V
S
S
nA
mA
IC=1mA
Ee=0mW/cm2
IE=100
A
Ee=0mW/cm2
IC=100
A
Ee=1mW/cm2
VCC=5V
IC=1mA
RL=1K
VCE=10V
Ee=0mW/cm2
VCE=5V
Ee=1mW/cm2
=940nm
Absolute Maximum Ratings at Ta=25
Electrical Optical Characteristics at Ta=25
Part No.
LTR-4206
LTR-4206E


Similar Part No. - LTR-4206

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-4206E LITEON-LTR-4206E Datasheet
99Kb / 4P
   NPN T-1 Standard Phototransistor
More results

Similar Description - LTR-4206

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-4206E LITEON-LTR-4206E Datasheet
99Kb / 4P
   NPN T-1 Standard Phototransistor
logo
Unity Opto Technology
MID-30A22 UOT-MID-30A22 Datasheet
32Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-33422 UOT-MID-33422 Datasheet
33Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-32H22 UOT-MID-32H22 Datasheet
32Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-30422 UOT-MID-30422 Datasheet
33Kb / 3P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-33H22 UOT-MID-33H22 Datasheet
31Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-38A22 UOT-MID-38A22 Datasheet
28Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-30A225 UOT-MID-30A225 Datasheet
31Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-30H22 UOT-MID-30H22 Datasheet
32Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
MID-33A22 UOT-MID-33A22 Datasheet
31Kb / 2P
   T-1 PACKAGE NPN PHOTOTRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com