Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62U8100BLLR1-I Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY62U8100BLLR1-I
Description  128K x8 bit 3.0V Low Power CMOS slow SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62U8100BLLR1-I Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY62U8100BLLR1-I Datasheet HTML 4Page - Hynix Semiconductor HY62U8100BLLR1-I Datasheet HTML 5Page - Hynix Semiconductor HY62U8100BLLR1-I Datasheet HTML 6Page - Hynix Semiconductor HY62U8100BLLR1-I Datasheet HTML 7Page - Hynix Semiconductor HY62U8100BLLR1-I Datasheet HTML 8Page - Hynix Semiconductor HY62U8100BLLR1-I Datasheet HTML 9Page - Hynix Semiconductor HY62U8100BLLR1-I Datasheet HTML 10Page - Hynix Semiconductor HY62U8100BLLR1-I Datasheet HTML 11Page - Hynix Semiconductor HY62U8100BLLR1-I Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HY62U8100B Series
Rev 13 / Apr. 2001
9
UNIT : INCH(mm)
0.319(8.103)
0.311(7.900)
0.728(18.491)
0.720(18.288)
0.792(20.117)
0.784(19.914)
0.025(0.64)
0.021(0.54)
0.008(0.21)
0.004(0.10)
0.020(0.50)
BSC
0.011(0.27)
0.041(1.05)
0.037(0.95)
0.006(0.15)
0.002(0.05)
#1
#32
#16
#17
0.007(0.17)
32pin 8x20mm Thin Small Outline Package Reversed(R1)
UNIT : INCH(mm)
0.319(8.103)
0.311(7.900)
0.728(18.491)
0.720(18.288)
0.792(20.117)
0.784(19.914)
0.025(0.64)
0.021(0.54)
0.008(0.21)
0.004(0.1)
0.020(0.50)
BSC
0.007(0.17)
0.041(1.05)
0.037(0.95)
0.006(0.15)
0.002(0.05)
#16
#17
#1
#32
0.011(0.27)


Similar Part No. - HY62U8100BLLR1-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8200B-E HYNIX-HY62U8200B-E Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8200B-I HYNIX-HY62U8200B-I Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62U8400ALLG HYNIX-HY62U8400ALLG Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
More results

Similar Description - HY62U8100BLLR1-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
logo
STMicroelectronics
M68AW127B STMICROELECTRONICS-M68AW127B Datasheet
327Kb / 20P
   1Mbit 128K x8, 3.0V Asynchronous SRAM
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com