Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS951402YGLF-T Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS951402YGLF-T
Description  Programmable Timing Control Hub for P4 processor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951402YGLF-T Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS951402YGLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS951402YGLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS951402YGLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS951402YGLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS951402YGLF-T Datasheet HTML 9Page - Integrated Circuit Systems ICS951402YGLF-T Datasheet HTML 10Page - Integrated Circuit Systems ICS951402YGLF-T Datasheet HTML 11Page - Integrated Circuit Systems ICS951402YGLF-T Datasheet HTML 12Page - Integrated Circuit Systems ICS951402YGLF-T Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
I
2C Table: Watchdog Timer Register
Byte 9
Pin #
Name
Control Function Type
0
1
PWD
Bit 7
-
WD7
RW
-
-
0
Bit 6
-
WD6
RW
-
-
0
Bit 5
-
WD5
RW
-
-
0
Bit 4
-
WD4
RW
-
-
1
Bit 3
-
WD3
RW
-
-
0
Bit 2
-
WD2
RW
-
-
0
Bit 1
-
WD1
RW
-
-
0
Bit 0
-
WD0
These bits represent
X*293ms the
watchdog timer will
wait before it goes to
alarm mode. Default
is 16 X 293ms =4.688
seconds
RW
-
-
0
I
2C Table: WD Timer Control Register
Byte 10 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
M/NEN
M/N Programming
Enable
RW
Latched
Inputs
IIC Prog.
B (11:17)
0
Bit 6
-
WDEN
Watchdog Enable
RW
Disable
Enable
0
Bit 5
-
WDStatus
WD Status Control
RW
OFF
ON
0
Bit 4
-
WD SF4
RW
-
-
1
Bit 3
-
WD SF3
RW
-
-
0
Bit 2
-
WD SF2
RW
-
-
0
Bit 1
-
WD SF1
RW
-
-
0
Bit 0
-
WD SF0
Writing to these bit will
configure the safe
frequency as Byte 0 Bit
(6:0
)
RW
-
-
0
Note: If Byte4 bit1 = 0 then FS4=0
I
2C Table: VCO Frequency Control Register
Byte 11 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
N Div8
N Divider Bit 8
RW
-
-
X
Bit 6
-
M Div6
RW
-
-
X
Bit 5
-
M Div5
RW
-
-
X
Bit 4
-
M Div4
RW
-
-
X
Bit 3
-
M Div3
RW
-
-
X
Bit 2
-
M Div2
RW
-
-
X
Bit 1
-
M Div1
RW
-
-
X
Bit 0
-
M Div0
The decimal
representation of M
Div (6:0) is equal to
reference divider
value. Default at
power up = latch-in
or Byte 0 Rom table.
RW
-
-
X


Similar Part No. - ICS951402YGLF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS951402YGLF-T RENESAS-ICS951402YGLF-T Datasheet
516Kb / 24P
   Programmable Timing Control Hub™ for P4™ processor
2019
More results

Similar Description - ICS951402YGLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952004 ICST-ICS952004 Datasheet
173Kb / 10P
   Programmable Timing Control Hub??for P4??processor
ICS952003 ICST-ICS952003 Datasheet
198Kb / 18P
   Programmable Timing Control Hub for P4??processor
logo
Integrated Device Techn...
ICS952003 IDT-ICS952003 Datasheet
199Kb / 18P
   Programmable Timing Control Hub??for P4??processor
logo
Integrated Circuit Syst...
ICS952011 ICST-ICS952011 Datasheet
170Kb / 25P
   Programmable Timing Control Hub for P4 processor
logo
Renesas Technology Corp
954310 RENESAS-954310 Datasheet
347Kb / 22P
   Programmable Timing Control Hub™ for P4™ processor
Mar 2020
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
   Programmable Timing Control Hub for P4
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
   Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Syst...
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
   PROGRAMMABLE TIMING CONTROL HUB FOR P4
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
   Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com