Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS950813 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS950813 Datasheet HTML 6Page - Integrated Circuit Systems ICS950813 Datasheet HTML 7Page - Integrated Circuit Systems ICS950813 Datasheet HTML 8Page - Integrated Circuit Systems ICS950813 Datasheet HTML 9Page - Integrated Circuit Systems ICS950813 Datasheet HTML 10Page - Integrated Circuit Systems ICS950813 Datasheet HTML 11Page - Integrated Circuit Systems ICS950813 Datasheet HTML 12Page - Integrated Circuit Systems ICS950813 Datasheet HTML 13Page - Integrated Circuit Systems ICS950813 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
ICS950813
Advance Information
0708—10/10/02
Table 3
PCI_STOP# I
2C Control Table
Note: When this Byte 0, Bit 3 is low (0), all PCI clocks are stopped.
Table 4
CPUCLKT/C (2:0) Outputs I
2C Control Table
Note: Individual CPUCLK outputs are controlled by Byte 1, Bit 3, 4, and 5.
Table 5
PCICLK_F (2:0) Outputs I
2C Control Table
Note: Individual PCICLK outputs are controlled by Byte 3, Bit 3, 4, and 5.
Table 6
3V66 (5:2) I
2C Control Table
Note: Activating Byte 5, Bit 5 will allow CPU_STOP# to control stop of pins 21, 22, 23, and 24.
Table 7
3V66 (1:0) I
2C Control Table
Note: Activating Byte 5, Bit 4 will allow CPU_STOP# to control stop of pins 33 and 35.
1
1
Running
0
1
Stopped
1
0
Running
3V66 (1:0)
0
0
Running
1
1
CPU_STOP#
(Pin 53)
Byte 5
Bit 4
Running
Running
0
0
0
1
Running
Stopped
1
0
1
0
Running
1
1
Running
0
0
Stop
0
1
Running
1
1
Running
PCI_STOP#
(Pin 34)
Byte 3
Bit 3, 4, 5
PCICLK (2:0) Outputs
0
1
Running
1
0
Running
CPUCLKT/C (2:0) Outputs
0
0
Stop
1
PCI_STOP#
(Pin 34)
CPU_STOP#
(Pin 53)
Byte 1
Bit 3, 4, 5
Byte 0 Bit 3
Write Bit
0
0
Byte 0, Bit 3 Read Bit
(Internal Status)
0
0
0
CPU_STOP#
(Pin 53)
Byte 5
Bit 5
3V66 (5:2)
0
1
1
0
1`
1


Similar Part No. - ICS950813

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS950810YFLF-T ICST-ICS950810YFLF-T Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810YFLF-T RENESAS-ICS950810YFLF-T Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950810YGLF-T RENESAS-ICS950810YGLF-T Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
More results

Similar Description - ICS950813

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
logo
Integrated Circuit Syst...
ICS950818 ICST-ICS950818 Datasheet
154Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com