Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S20N60A4S9A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HGT1S20N60A4S9A
Description  600V, SMPS Series N-Channel IGBTs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S20N60A4S9A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HGT1S20N60A4S9A Datasheet HTML 1Page - Fairchild Semiconductor HGT1S20N60A4S9A Datasheet HTML 2Page - Fairchild Semiconductor HGT1S20N60A4S9A Datasheet HTML 3Page - Fairchild Semiconductor HGT1S20N60A4S9A Datasheet HTML 4Page - Fairchild Semiconductor HGT1S20N60A4S9A Datasheet HTML 5Page - Fairchild Semiconductor HGT1S20N60A4S9A Datasheet HTML 6Page - Fairchild Semiconductor HGT1S20N60A4S9A Datasheet HTML 7Page - Fairchild Semiconductor HGT1S20N60A4S9A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
0
20
40
80
60
100
1000
600
800
400
1200
200
1400
16
18
20
HGT1S20N60A4S9A
Typical Performance Curves Unless Otherwise Specified (Continued)
100
DUTY CYCLE < 0.5%, VGE = 12V
PULSE DURATION = 250
µs
TJ = 125
oC
TJ = 150
oC
TJ = 25
oC
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
80
60
40
20
0
DUTY CYCLE < 0.5%, VGE = 15V
PULSE DURATION = 250
µs
TJ = 125
oC
TJ = 150
oC
TJ = 25
oC
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
RG = 3Ω, L = 500µH, VCE = 390V
TJ = 125
oC, V
GE = 12V, VGE = 15V
T
2
, VGE = 12V, VGE = 15V
J =
5oC
800
700
RG = 3Ω, L = 500µH, VCE = 390V
TJ = 125
oC, V
GE = 12V OR 15V
TJ = 25
oC, V
GE = 12V OR 15V
600
500
400
300
200
100
0
0
5
10
15
20
25
30
35
40
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
5
10
15
20
25
30
35
40
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 8. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
36
22
RG = 3Ω
µH, VCE = 390V
, L = 500
TJ = 25
oC, T
J = 125
oC, V
GE = 12V
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
RG = 3Ω, L = 500µH, VCE = 390V
TJ = 25
oC, T
J = 125
oC, V
GE = 12V
TJ = 25
oC OR T
J = 125
oC, V
GE = 15V
32
28
24
20
16
12
10
8
4
8
5
10
15
20
25
30
35
40
5
10
15
20
25
30
35
40
ICE, COLLECTOR TO EMITTER CURRENT (A)
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
EMITTER CURRENT
©2006 Fairchild Semiconductor Corporation
HGT1S20N60A4S
9A Rev. A
14
12


Similar Part No. - HGT1S20N60A4S9A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGT1S20N60C3R FAIRCHILD-HGT1S20N60C3R Datasheet
107Kb / 6P
   40A, 600V, Rugged UFS Series N-Channel IGBTs
HGT1S20N60C3RS FAIRCHILD-HGT1S20N60C3RS Datasheet
107Kb / 6P
   40A, 600V, Rugged UFS Series N-Channel IGBTs
HGT1S20N60C3S FAIRCHILD-HGT1S20N60C3S Datasheet
144Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
More results

Similar Description - HGT1S20N60A4S9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N60A4 INTERSIL-HGTG20N60A4 Datasheet
354Kb / 9P
   600V, SMPS Series N-Channel IGBTs
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4 FAIRCHILD-HGTG20N60A4 Datasheet
140Kb / 8P
   600V, SMPS Series N-Channel IGBTs
HGTP12N60A4 FAIRCHILD-HGTP12N60A4 Datasheet
229Kb / 8P
   600V, SMPS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com