Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC082S085CISD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC082S085CISD
Description  8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC082S085CISD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC082S085CISD Datasheet HTML 1Page - National Semiconductor (TI) DAC082S085CISD Datasheet HTML 2Page - National Semiconductor (TI) DAC082S085CISD Datasheet HTML 3Page - National Semiconductor (TI) DAC082S085CISD Datasheet HTML 4Page - National Semiconductor (TI) DAC082S085CISD Datasheet HTML 5Page - National Semiconductor (TI) DAC082S085CISD Datasheet HTML 6Page - National Semiconductor (TI) DAC082S085CISD Datasheet HTML 7Page - National Semiconductor (TI) DAC082S085CISD Datasheet HTML 8Page - National Semiconductor (TI) DAC082S085CISD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DAC082S085
8-Bit Micro Power DUAL Digital-to-Analog Converter with
Rail-to-Rail Output
General Description
The DAC082S085 is a full-featured, general purpose DUAL
8-bit voltage-output digital-to-analog converter (DAC) that
can operate from a single +2.7V to 5.5V supply and con-
sumes 210 µA at 3V and 320 µA at 5V. The DAC082S085 is
packaged in 10-lead LLP and MSOP packages. The 10-lead
LLP package makes the DAC082S085 the smallest DUAL
DAC in its class. The on-chip output amplifier allows rail-to-
rail output swing and the three wire serial interface operates
at clock rates up to 40 MHz over the entire supply voltage
range. Competitive devices are limited to 25 MHz clock rates
at supply voltages in the 2.7V to 3.6V range. The serial
interface is compatible with standard SPI, QSPI, MI-
CROWIRE and DSP interfaces.
The reference for the DAC082S085 serves both channels
and can vary in voltage between 1V and V
A, providing the
widest possible output dynamic range. The DAC082S085
has a 16-bit input shift register that controls the outputs to be
updated, the mode of operation, the powerdown condition,
and the binary input data. Both outputs can be updated
simultaneously or individually depending on the setting of
the two mode of operation bits.
A power-on reset circuit ensures that the DAC output powers
up to zero volts and remains there until there is a valid write
to the device. A power-down feature reduces power con-
sumption to less than a microWatt with three different termi-
nation options.
The low power consumption and small packages of the
DAC082S085 make it an excellent choice for use in battery
operated equipment.
The DAC082S085 is one of a family of pin compatible DACs,
including
the
10-bit
DAC102S085
and
the
12-bit
DAC124S085. The DAC082S085 operates over the ex-
tended industrial temperature range of −40˚C to +105˚C.
Features
n
Guaranteed Monotonicity
n
Low Power Operation
n
Rail-to-Rail Voltage Output
n
Power-on Reset to 0V
n
Simultaneous Output Updating
n
Wide power supply range (+2.7V to +5.5V)
n
Industry’s Smallest Package
n
Power Down Modes
Key Specifications
n
Resolution
8 bits
n
INL
±0.5 LSB (max)
n
DNL
+0.18 / −0.13 LSB (max)
n
Settling Time
4.5 µs (max)
n
Zero Code Error
+15 mV (max)
n
Full-Scale Error
−0.75 %FS (max)
n
Power Consumption
— Normal
270 µA (3.6V) / 410 µA (5.5V) max
— Pwr Down
20 nA (3.6V) / 30 nA (5.5V) typ
Applications
n
Battery-Powered Instruments
n
Digital Gain and Offset Adjustment
n
Programmable Voltage & Current Sources
n
Programmable Attenuators
Pin Configuration
20195601
20195602
SPIis a trademark of Motorola, Inc.
PRELIMINARY
May 2006
© 2006 National Semiconductor Corporation
DS201956
www.national.com


Similar Part No. - DAC082S085CISD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC082S085CISD/NOPB TI1-DAC082S085CISD/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC082S085CISDX/NOPB TI1-DAC082S085CISDX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results

Similar Description - DAC082S085CISD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com