Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHP3194IMTC14X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FHP3194IMTC14X
Description  4:1 High Speed Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3194IMTC14X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FHP3194IMTC14X Datasheet HTML 1Page - Fairchild Semiconductor FHP3194IMTC14X Datasheet HTML 2Page - Fairchild Semiconductor FHP3194IMTC14X Datasheet HTML 3Page - Fairchild Semiconductor FHP3194IMTC14X Datasheet HTML 4Page - Fairchild Semiconductor FHP3194IMTC14X Datasheet HTML 5Page - Fairchild Semiconductor FHP3194IMTC14X Datasheet HTML 6Page - Fairchild Semiconductor FHP3194IMTC14X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FHP3194 Rev. 1.0.6
5
www.fairchildsemi.com
Advance Information
Electrical Characteristics at ±5V continued
Tc = 25°C, Vs = ±5V, Rf = 499Ω, RL = 150Ω, G = 2; unless otherwise noted.
Notes:
1. 100% tested at 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Digital Inputs
VIH
Logic High Threshold
A0, A1, EN, and SD pins
2.0
V
VIL
Logic Low Threshold
A0, A1, EN, and SD pins
0.08
V
IIH
Logic Pin Input Current High
A0, A1, EN, and SD pins; Logic
Input = 2.0V
TBD
µA
IIL
Logic Pin Input Current Low
A0, A1, EN, and SD pins; Logic
Input = 0V
TBD
µA
Disable Characteristics
ENISO
Disable Isolation
5MHz / 30MHz
-88 / -72
dB
SDISO
Shutdown Isolation
5MHz / 30MHz
-92 /-77
dB
CHISO
Channel-to-Channel Isolation
5MHz
-70
dB
ENTON
Turn on time (Disable to ON)
17
ns
ENTOFF
Turn off time (ON to Disable)
120
ns
SDTON
Turn on time (Shutdown to ON)
20
ns
SDTOFF
Turn off time (On to Shutdown)
115
ns
Input Characteristics
RIN
Input Resistance
TBD
M
CIN
Input Capacitance
TBD
pF
CMIR
Input Common Mode Voltage Range
±2.8
V
CMRR
Common Mode Rejection Ratio1
DC, VCM = ±1V
50
52
dB
Output Characteristics
VO
Output Voltage Swing1
RL = 2kΩ
±3.8
V
RL = 150Ω
±3.2
±3.7
V
IOUT
Linear Output Current
±60
mA
ISC
Short Circuit Output Current
VO = GND
±100
mA
ROUT
Output Resistance
enabled
TBD
m
disabled
TBD
M
COUT
Output Capacitance
TBD
pF


Similar Part No. - FHP3194IMTC14X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194IMTC14X FAIRCHILD-FHP3194IMTC14X Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
More results

Similar Description - FHP3194IMTC14X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com