Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XN6215 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XN6215
Description  Silicon NPN epitaxial planer transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN6215 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XN6215 Datasheet HTML 1Page - Panasonic Semiconductor XN6215 Datasheet HTML 2Page - Panasonic Semiconductor XN6215 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XN06215
2
SJJ00104BED
hFE  IC
Cob  VCB
IO  VIN
PT  Ta
IC  VCE
VCE(sat)  IC
VIN  IO
0
160
40
120
80
0
500
200
400
100
300
Ambient temperature T
a (°C)
0
012
210
48
6
40
120
80
160
Collector-emitter voltage V
CE (V)
Ta
= 25°C
0.1 mA
0.2 mA
0.3 mA
0.4 mA
0.5 mA
0.6 mA
0.7 mA
IB
= 1.0 mA
0.8 mA
0.9 mA
0.01
0.1
0.1
1
10
100
1
10
100
Collector current I
C (mA)
IC / IB
= 10
Ta = 75
°C
25
°C
−25°C
0
1
100
200
300
400
10
100
1 000
Collector current I
C (mA)
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
0
0.1
6
5
4
3
2
1
1
10
100
Collector-base voltage V
CB (V)
f
= 1 MHz
IE
= 0
Ta
= 25°C
1
0.4
10
102
103
104
1.4
1.2
1.0
0.8
0.6
Input voltage V
IN (V)
VO
= 5 V
Ta
= 25°C
0.01
0.1
0.1
1
10
100
1
10
100
Output current I
O (mA)
VO
= 0.2 V
Ta
= 25°C


Similar Part No. - XN6215

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN6211 PANASONIC-XN6211 Datasheet
77Kb / 3P
   Silicon NPN epitaxial planar transistor
XN6212 PANASONIC-XN6212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN6213 PANASONIC-XN6213 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN6214 PANASONIC-XN6214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN6214 PANASONIC-XN6214 Datasheet
76Kb / 3P
   Silicon NPN epitaxial planar type
More results

Similar Description - XN6215

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com