Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23144854 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # 23144854
Description  COLOR TELEVISION N0NSP Chassis
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23144854 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button 23144854 Datasheet HTML 6Page - Toshiba Semiconductor 23144854 Datasheet HTML 7Page - Toshiba Semiconductor 23144854 Datasheet HTML 8Page - Toshiba Semiconductor 23144854 Datasheet HTML 9Page - Toshiba Semiconductor 23144854 Datasheet HTML 10Page - Toshiba Semiconductor 23144854 Datasheet HTML 11Page - Toshiba Semiconductor 23144854 Datasheet HTML 12Page - Toshiba Semiconductor 23144854 Datasheet HTML 13Page - Toshiba Semiconductor 23144854 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
– 10 –
7. SELF DIAGNOSTIC FUNCTION
1) Press “9” button on Remote Control during display of adjustment menu in the service mode.
The diagnosis will begin to check if interface among IC’s are executed properly.
2) During diagnosis, the following displays are shown.
Part number of microprocessor (QA01)
Operation number of protection circuit (current limiter) . . . . “000” is normal.
BUS line check
“OK” ................... Normal
“SCL-GND” or “NG” ........... SCL-GND short circuit
“SDA-GND” or “NG” ........... SDA-GND short circuit
“SCL-SDA” or “NG” ............ SCL-SDA short circuit
BUS line ACK (acknowledge) check
“OK” ..................... Normal
Display of Location Number . . . . NG
(Display example)
“QA02 NG”, “H001 NG”, “Q501 NG” etc.
Note: The indication of failure place is only one place though failure places are plural. When
repair of a failure place finishes, the next failure place is indicated. (The order of priority of
indication is left side.)
Sync. signal check
Green display ..... Normal
Red display ........ NG
MAIN ........ Main sync
SUB .......... Sub sync (when turn on the PIP)
4. SELECTING THE ADJUSTING ITEMS
1) Every pressing of CHANNEL s button in the service mode changes the adjustment items in the order of table-2.
(t button for reverse order)
Refer to table-2 for preset data of adjustment mode.
(See SETTING & ADJUSTING DATA on page 17)
5. ADJUSTING THE DATA
1) Pressing of VOLUME s or t button will cahnge the value of data in the range from 00H to FFH. The variable range
depends on the adjusting item.
6. EXIT FROM SERVICE MODE
1) Pressing POWER button to turn off the TV once.
s
INITIALIZATION OF MEMORY DATA OF QA02
After replacing QA02, the following initialization is required.
1. Enter the service mode, then select any register item.
2. Press and hold the RECALL button on the Remote, then press the CHANNEL s button on the TV. The initialization of QA02
has been complated.
3. Check the picture carefully. If necessary, adjust any adjustment item above.
Perform “Programming Channel Memory” on the owner's manual.
CAUTION: Never attempt to initialize the data unless QA02 has been replaced.
SELF CHECK
NO. 23XXXXXX
POWER
: 000
BUS LINE : OK
BUS CONT : OK
BLOCK : MAIN SUB


Similar Part No. - 23144854

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
23144854 TOSHIBA-23144854 Datasheet
1Mb / 35P
   Color Television
2004
More results

Similar Description - 23144854

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
36HFX71 TOSHIBA-36HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
36HFX72 TOSHIBA-36HFX72 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
   LCD Color Television
2005
40PW03G TOSHIBA-40PW03G Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
   LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
   LCD Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com