Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143XXV3T1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # DTA143XXV3T1
Description  Digital Transistors (BRT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA143XXV3T1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button DTA143XXV3T1 Datasheet HTML 2Page - ON Semiconductor DTA143XXV3T1 Datasheet HTML 3Page - ON Semiconductor DTA143XXV3T1 Datasheet HTML 4Page - ON Semiconductor DTA143XXV3T1 Datasheet HTML 5Page - ON Semiconductor DTA143XXV3T1 Datasheet HTML 6Page - ON Semiconductor DTA143XXV3T1 Datasheet HTML 7Page - ON Semiconductor DTA143XXV3T1 Datasheet HTML 8Page - ON Semiconductor DTA143XXV3T1 Datasheet HTML 9Page - ON Semiconductor DTA143XXV3T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DTA114EXV3T1 Series
http://onsemi.com
6
TYPICAL ELECTRICAL CHARACTERISTICS − DTA124EXV3T1
Figure 8. VCE(sat) versus IC
Figure 9. DC Current Gain
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
Figure 10. Output Capacitance
IC, COLLECTOR CURRENT (mA)
0
10
20
30
VO = 0.2 V
TA =−25°C
75°C
100
10
1
0.1
40
50
Figure 11. Output Current versus Input Voltage
100
10
1
0.1
0.01
0.001 0 1
2
3
4
Vin, INPUT VOLTAGE (VOLTS)
5
6
7
8
9
10
Figure 12. Input Voltage versus Output Current
0.01
0.1
1
10
40
IC, COLLECTOR CURRENT (mA)
0
20
50
75°C
25°C
TA =−25°C
50
0
10
203040
4
3
2
1
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
25°C
IC/IB = 10
25°C
−25°C
VCE = 10 V
TA =75°C
f = 1 MHz
lE = 0 V
TA = 25°C
75°C
25°C
TA =−25°C
VO = 5 V


Similar Part No. - DTA143XXV3T1

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143X ROHM-DTA143X Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTA143X ROHM-DTA143X Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Unisonic Technologies
DTA143X UTC-DTA143X Datasheet
113Kb / 2P
   PNP DIGITAL TRANSISTOR
DTA143X UTC-DTA143X Datasheet
194Kb / 3P
   PNP DIGITAL TRANSISTOR
logo
Rohm
DTA143X ROHM-DTA143X Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA143XXV3T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com