Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4402NR Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS4402NR
Description  Two/Four-Channel, I2C Adjustable Current DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4402NR Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS4402NR Datasheet HTML 1Page - Dallas Semiconductor DS4402NR Datasheet HTML 2Page - Dallas Semiconductor DS4402NR Datasheet HTML 3Page - Dallas Semiconductor DS4402NR Datasheet HTML 4Page - Dallas Semiconductor DS4402NR Datasheet HTML 5Page - Dallas Semiconductor DS4402NR Datasheet HTML 6Page - Dallas Semiconductor DS4402NR Datasheet HTML 7Page - Dallas Semiconductor DS4402NR Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Acknowledgement (ACK and NACK): An Acknowledge-
ment (ACK) or Not Acknowledge (NACK) is always the
ninth bit transmitted during a byte transfer. The device
receiving data (the master during a read or the slave
during a write operation) performs an ACK by transmit-
ting a zero during the ninth bit. A device performs a
NACK by transmitting a one during the ninth bit. Timing
for the ACK and NACK is identical to all other bit writes
(Figure 4). An ACK is the acknowledgment that the
device is properly receiving data. A NACK is used to
terminate a read sequence or as an indication that the
device is not receiving data.
Byte Write: A byte write consists of 8 bits of information
transferred from the master to the slave (most significant
bit first) plus a 1-bit acknowledgement from the slave to
the master. The 8 bits transmitted by the master are
done according to the bit-write definition, and the
acknowledgement is read using the bit-read definition.
Byte Read: A byte read is an 8-bit information transfer
from the slave to the master plus a 1-bit ACK or NACK
from the master to the slave. The 8 bits of information
that are transferred (most significant bit first) from the
slave to the master are read by the master using the bit
read definition above, and the master transmits an ACK
using the bit write definition to receive additional data
bytes. The master must NACK the last byte read to ter-
minated communication so the slave will return control
of SDA to the master.
Slave Address Byte: Each slave on the I2C bus
responds to a slave address byte sent immediately follow-
ing a START condition. The slave address byte contains
the slave address in the most significant 7 bits and the
R/W bit in the least significant bit. The DS4402/DS4404s’
slave address is determined by the state of the A0 and A1
address pins. Table 1 describes the addresses corre-
sponding to the state of A0 and A1.
When the R/W bit is 0 (such as in A0h), the master is
indicating it will write data to the slave. If R/W = 1 (A1h
in this case), the master is indicating it wants to read
from the slave. If an incorrect slave address is written,
the DS4402/DS4404 assume the master is communi-
cating with another I2C device and ignore the commu-
nication until the next START condition is sent.
Memory Address: During an I2C write operation, the
master must transmit a memory address to identify the
memory location where the slave is to store the data.
The memory address is always the second byte trans-
mitted during a write operation following the slave
address byte.
I2C Communication
Writing to a Slave: The master must generate a START
condition, write the slave address byte (R/W = 0), write
the memory address, write the byte of data, and gener-
ate a STOP condition. Remember that the master must
read the slave’s acknowledgement during all byte-write
operations.
Reading from a Slave: To read from the slave, the
master generates a START condition, writes the slave
address byte with R/W = 1, reads the data byte with a
NACK to indicate the end of the transfer, and generates
a STOP condition.
Two/Four-Channel, I2C Adjustable Current DAC
_____________________________________________________________________
7
SDA
SCL
tHD:STA
tLOW
tHIGH
tR
tF
tBUF
tHD:DAT
tSU:DAT
REPEATED
START
tSU:STA
tHD:STA
tSU:STO
tSP
STOP
NOTE: TIMING IS REFERENCE TO VIL(MAX) AND VIH(MIN).
START
Figure 3. I2C Timing Diagram


Similar Part No. - DS4402NR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4402N++ MAXIM-DS4402N+ Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
DS4402N++ MAXIM-DS4402N+ Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
DS4402N+TR MAXIM-DS4402N+TR Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
DS4402N+TR MAXIM-DS4402N+TR Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
More results

Similar Description - DS4402NR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
DS4422 MAXIM-DS4422_09 Datasheet
215Kb / 11P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
   Four-ADC, Two-DAC, Low Power Codec
logo
Exar Corporation
XRP7620 EXAR-XRP7620 Datasheet
509Kb / 11P
   4-Channel Adjustable Current I2C Controlled LED Driver
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com