Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68301B-56LFXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C68301B-56LFXC
Description  EZ-USB AT2LPTM USB 2.0 to ATA/ATAPI Bridge
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68301B-56LFXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C68301B-56LFXC Datasheet HTML 4Page - Cypress Semiconductor CY7C68301B-56LFXC Datasheet HTML 5Page - Cypress Semiconductor CY7C68301B-56LFXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68301B-56LFXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68301B-56LFXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68301B-56LFXC Datasheet HTML 9Page - Cypress Semiconductor CY7C68301B-56LFXC Datasheet HTML 10Page - Cypress Semiconductor CY7C68301B-56LFXC Datasheet HTML 11Page - Cypress Semiconductor CY7C68301B-56LFXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CY7C68300B/CY7C68301B
CY7C68320/CY7C68321
Document 38-08033 Rev. *D
Page 8 of 36
N/A
N/A
28
NC
No Connect.
22
15
29
SCL
O
Active for
several ms at
start-up.
Clock signal for I2C interface (see section 5.3.2).
23
16
30
SDA
I/O
Data signal for I2C interface (see section 5.3.2).
N/A
N/A
31
32
NC
No Connect.
24
17
33
VCC
PWR
VCC. Connect to 3.3V power source.
25
18
34
DD0
I/O[1]
Hi-Z
ATA Data bit 0.
26
19
35
DD1
I/O[1]
Hi-Z
ATA Data bit 1.
27
20
36
DD2
I/O[1]
Hi-Z
ATA Data bit 2.
28
21
37
DD3
I/O[1]
Hi-Z
ATA Data bit 3.
N/A
N/A
38
VCC
PWR
VCC. Connect to 3.3V power source.
N/A
N/A
39
GND
GND
Ground.
N/A
N/A
40
NC
NC
No Connect.
N/A
N/A
41
GND
Ground.
N/A
N/A
42
NC
NC
No Connect.
N/A
N/A
43
GND
Ground.
29
22
44
DD4
I/O[1]
Hi-Z
ATA Data bit 4.
30
23
45
DD5
I/O[1]
Hi-Z
ATA Data bit 5.
31
24
46
DD6
I/O[1]
Hi-Z
ATA Data bit 6.
32
25
47
DD7
I/O[1]
Hi-Z
ATA Data bit 7.
33
26
48
GND
GND
Ground.
34
27
49
VCC
PWR
VCC. Connect to 3.3V power source.
35
28
50
GND
GND
Ground.
N/A
N/A
51
52
NC
NC
No Connect.
N/A
N/A
53
VCC
PWR
VCC. Connect to 3.3V power source.
36
29
54
DIOW#[2]
O/Z[1]
Driven HIGH
(CMOS)
ATA Control.
37
30
55
DIOR#
O/Z[1]
Driven HIGH
(CMOS)
ATA Control.
38
31
56
DMACK#
O/Z[1]
Driven HIGH
(CMOS)
ATA Control.
N/A
N/A
57
NC
NC
No Connect.
N/A
N/A
58
LOWPWR#
O
USB suspend indicator (see section 5.3.7).
‘0’ = Chip active. VBUS power draw governed by
PWR500# pin.
‘Hi-Z’ = Chip suspend. VBUS system current limited to
USB suspend mode value.
N/A
N/A
59
60
61
NC
NC
No Connect.
N/A
N/A
62
VBUSPWRD
I
Input
Bus-powered operation selector. Used in systems
that are capable of being bus or self-powered to
indicate the current power mode.
N/A
N/A
63
64
NC
NC
No Connect.
N/A
N/A
65
GND
GND
Ground.
Table 5-1. AT2LP Pin Descriptions
Note: (Italics pin names denote pin functionality during CY7C68300A-compatibility mode) (continued)
56
SSOP
56
QFN
100
TQFP
Pin Name
Pin
Type
Default State
at Start-up
Pin Description


Similar Part No. - CY7C68301B-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68301C CYPRESS-CY7C68301C Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C CYPRESS-CY7C68301C Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C-56LFXC CYPRESS-CY7C68301C-56LFXC Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C-56LFXC CYPRESS-CY7C68301C-56LFXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C-56LTXC CYPRESS-CY7C68301C-56LTXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
More results

Similar Description - CY7C68301B-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com