Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68300B-56LFXC Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CY7C68300B-56LFXC
Description  EZ-USB AT2LPTM USB 2.0 to ATA/ATAPI Bridge
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68300B-56LFXC Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CY7C68300B-56LFXC Datasheet HTML 19Page - Cypress Semiconductor CY7C68300B-56LFXC Datasheet HTML 20Page - Cypress Semiconductor CY7C68300B-56LFXC Datasheet HTML 21Page - Cypress Semiconductor CY7C68300B-56LFXC Datasheet HTML 22Page - Cypress Semiconductor CY7C68300B-56LFXC Datasheet HTML 23Page - Cypress Semiconductor CY7C68300B-56LFXC Datasheet HTML 24Page - Cypress Semiconductor CY7C68300B-56LFXC Datasheet HTML 25Page - Cypress Semiconductor CY7C68300B-56LFXC Datasheet HTML 26Page - Cypress Semiconductor CY7C68300B-56LFXC Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
CY7C68300B/CY7C68301B
CY7C68320/CY7C68321
Document 38-08033 Rev. *D
Page 23 of 36
0x2B
bReserved
Reserved for future use. Must be set to zero.
0x00
Configuration Descriptor
0x2C
bLength
Length of configuration descriptor in bytes.
0x09
0x2D
bDescriptorType
Descriptor type.
0x02
0x2E
bTotalLength (LSB)
Number of bytes returned in this configuration. This includes
the configuration descriptor plus all the interface and
endpoint descriptors.
0x20
0x2F
bTotalLength (MSB)
0x00
0x30
bNumInterfaces
Number of interfaces supported.
0x01
0x31
bConfiguration Value
The value to use as an argument to Set Configuration to
select the configuration. This value must be set to 0x01.
0x01
0x32
iConfiguration
Index to the configuration string. This entry must equal half
of the address value where the string starts, or 0x00 if the
string does not exist.
0x00
0x33
bmAttributes
Device attributes for this configuration.
Bit (7) Reserved. Must be set to 1.
Bit (6) Self-powered. Must be set to 1.
Bit (5) Remote wake-up. Must be set to 0.
Bits (4–0) Reserved. Must be set to 0.
0xC0
0x34
bMaxPower
Maximum power consumption for this configuration. Units
used are mA*2 (i.e., 0x31 = 98 mA, 0xF9 = 498 mA). 0x00
reported for self-powered devices.
Note: A value of 0x00 or 0x01 results in the 56-pin package
configuring itself for self-powered mode, whereas a value
greater than 0x01 results in the 56-pin package reporting
itself as bus-powered. This is regardless of what address
0x33 is set to reflect in the 56-pin package.
0x01
Interface and Endpoint Descriptors
Interface Descriptor
0x35
bLength
Length of interface descriptor in bytes.
0x09
0x36
bDescriptorType
Descriptor type.
0x04
0x37
bInterfaceNumber
Interface number.
0x00
0x38
bAlternateSetting
Alternate setting.
0x00
0x39
bNumEndpoints
Number of endpoints.
0x02
0x3A
bInterfaceClass
Interface class.
0x08
0x3B
bInterfaceSubClass
Interface subclass.
0x06
0x3C
bInterfaceProtocol
Interface protocol.
0x50
0x3D
iInterface
Index to first interface string. This entry must equal half of
the address value where the string starts or 0x00 if the string
does not exist.
0x00
USB Bulk Out Endpoint
0x3E
bLength
Length of this descriptor in bytes.
0x07
0x3F
bDescriptorType
Endpoint descriptor type.
0x05
0x40
bEndpointAddress
This is an Out endpoint, endpoint number 2.
0x02
0x41
bmAttributes
This is a bulk endpoint.
0x02
0x42
wMaxPacketSize (LSB)
Max data transfer size. To be set by speed (Full speed
0x0040; High speed 0x0200)
0x00
0x43
wMaxPacketSize (MSB)
0x02
0x44
bInterval
High-speed interval for polling (maximum NAK rate). Set to
zero for full speed.
0x00
Table 8-6. EEPROM Organization (continued)
EEPROM
Address
Field Name
Field Description
Required
Contents
Suggested
Contents


Similar Part No. - CY7C68300B-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
CY7C68300A-56LFC CYPRESS-CY7C68300A-56LFC Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
CY7C68300A-56LFXC CYPRESS-CY7C68300A-56LFXC Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
More results

Similar Description - CY7C68300B-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com