Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68301B-56PVXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C68301B-56PVXC
Description  EZ-USB AT2LPTM USB 2.0 to ATA/ATAPI Bridge
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68301B-56PVXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C68301B-56PVXC Datasheet HTML 1Page - Cypress Semiconductor CY7C68301B-56PVXC Datasheet HTML 2Page - Cypress Semiconductor CY7C68301B-56PVXC Datasheet HTML 3Page - Cypress Semiconductor CY7C68301B-56PVXC Datasheet HTML 4Page - Cypress Semiconductor CY7C68301B-56PVXC Datasheet HTML 5Page - Cypress Semiconductor CY7C68301B-56PVXC Datasheet HTML 6Page - Cypress Semiconductor CY7C68301B-56PVXC Datasheet HTML 7Page - Cypress Semiconductor CY7C68301B-56PVXC Datasheet HTML 8Page - Cypress Semiconductor CY7C68301B-56PVXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
CY7C68300B/CY7C68301B
CY7C68320/CY7C68321
Document 38-08033 Rev. *D
Page 3 of 36
5.1
Pin Diagrams
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
56
55
54
53
ATAPUEN (GND)
VCC
GND
IORDY
DMARQ
AVCC
XTALOUT
XTALIN
AGND
VCC
DPLUS
DMINUS
GND
VCC
GND
PWR500# ( PU 10K)
GND ( Reserved)
SCL
SDA
VCC
DD0
DD1
DD2
DD3
DD13
DD14
DD15
GND
EZ-USB AT2LP
CY7C68300B
CY7C68301B
56-pin SSOP
DD8
(ATA_EN)
VBUS_ATA_ENABLE
VCC
RESET#
GND
ARESET#
(VBUS_PWR_VALID ) DA2
CS1#
CS0#
(DA2)
DRVPWRVLD
DA1
DA0
INTRQ
VCC
DMACK#
DIOR#
DIOW#
GND
VCC
GND
DD7
DD6
DD5
DD4
DD12
DD11
DD10
DD9
Figure 5-2. 56-pin SSOP Pinout (CY7C68300B/CY7C68301B only)
NOTE: Labels in italics denote pin functionality
during CY7C68300A compatibility mode.


Similar Part No. - CY7C68301B-56PVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68301C CYPRESS-CY7C68301C Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C CYPRESS-CY7C68301C Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C-56LFXC CYPRESS-CY7C68301C-56LFXC Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C-56LFXC CYPRESS-CY7C68301C-56LFXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68301C-56LTXC CYPRESS-CY7C68301C-56LTXC Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
More results

Similar Description - CY7C68301B-56PVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com