Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68300B Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C68300B
Description  EZ-USB AT2LPTM USB 2.0 to ATA/ATAPI Bridge
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68300B Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C68300B Datasheet HTML 14Page - Cypress Semiconductor CY7C68300B Datasheet HTML 15Page - Cypress Semiconductor CY7C68300B Datasheet HTML 16Page - Cypress Semiconductor CY7C68300B Datasheet HTML 17Page - Cypress Semiconductor CY7C68300B Datasheet HTML 18Page - Cypress Semiconductor CY7C68300B Datasheet HTML 19Page - Cypress Semiconductor CY7C68300B Datasheet HTML 20Page - Cypress Semiconductor CY7C68300B Datasheet HTML 21Page - Cypress Semiconductor CY7C68300B Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
CY7C68300B/CY7C68301B
CY7C68320/CY7C68321
Document 38-08033 Rev. *D
Page 18 of 36
8.5
EEPROM Organization
The contents of the 256-byte (2048-bit) I2C EEPROM are
arranged as follows. In Table 8-6, the column labeled
“Required Contents” contains the values that must be used for
proper operation of the AT2LP. The column labeled
“Suggested Contents” contains suggested values for the bytes
that are defined by the customer. Some values, such as the
Vendor ID, Product ID and device serial number, must be
customized to meet USB compliance. The “AT2LP blaster” tool
on the CY4615B CD can be used to edit and program these
values into an AT2LP-based product (refer to Figure 8-2). The
“AT2LP primer” tool can be used to program AT2LP-based
products in a manufacturing environment. See section 8.4 for
details on how to use vendor-specific ATAPI commands to
read and program the EEPROM.
The address pins on the serial EEPROM must be set such that
the EEPROM is at address 2 (A0=0, A1=1, A2=0) or address
4 (A0=0, A1=0, A2=1) for memories that are internally byte-
addressed memories.
Note: Devices running in Backward Compatibility Mode
should use the 68300A EEPROM organization, and not the
68300B/301B/320/321 format shown in this document.
Figure 8-2. “AT2LP Blaster” Tool Screen


Similar Part No. - CY7C68300B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
CY7C68300A-56LFC CYPRESS-CY7C68300A-56LFC Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
CY7C68300A-56LFXC CYPRESS-CY7C68300A-56LFXC Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
More results

Similar Description - CY7C68300B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300 CYPRESS-CY7C68300 Datasheet
193Kb / 26P
   EZ-USB AT2??USB 2.0 to ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C Datasheet
835Kb / 42P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
   EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com