Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12010L Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010L
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010L Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH12010L Datasheet HTML 7Page - Texas Instruments PTH12010L Datasheet HTML 8Page - Texas Instruments PTH12010L Datasheet HTML 9Page - Texas Instruments PTH12010L Datasheet HTML 10Page - Texas Instruments PTH12010L Datasheet HTML 11Page - Texas Instruments PTH12010L Datasheet HTML 12Page - Texas Instruments PTH12010L Datasheet HTML 13Page - Texas Instruments PTH12010L Datasheet HTML 14Page - Texas Instruments PTH12010L Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
APPLICATION INFORMATION (continued)
Table 1. Input/Output Capacitors (continued)
CAPACITOR CHARACTERISTICS
QUANTITY
CAPACITOR VENDOR,
WORKING VALUE
MAX. ESR
MAX RIPPLE
PHYSICAL
INPUT
OPTIONAL VENDOR PART
TYPE/SERIES, (STYLE)
VOLTAGE
(µF)
AT 100 kHz
CURRENT AT
SIZE (mm)
BUS
OUTPUT
NUMBER
85°C (lrms)
BUS
T520, Poly-Tantalum
10 V
330
0.040 Ω
1800 mA
N/R(2)
≤5
T520X337M010AS
(SMD)
T530, Poly-Tant/Organic
10 V
330
0.010 Ω
>3800 mA
4,3 x 7,3 x 4,0
N/R(2)
≤2
T530X337M010ASE010
6.3 V
470
0.005 Ω
4200 mA
N/R(2)
≤1(3)
T530X477M006AS E005
(VO ≤ 5.1 V)
Vishay-Sprague
595D, Tantalum (SMD)
10 V
470
0.100 Ω
1440 mA
7,2 x 6,0 x 4,1
N/R(2)
≤5(3)
595D477X0010R2T
(VO ≤ 5.1 V)
94SA, Os-con (Radial)
16 V
1000
0.015Ω
9750 mA
16 x 25
1
≤2
94SA108X0016HBP
94SVP, Os-CON(SMD)
16V
330
0.017Ω
4580 mA
10 x 12,7
2(32)
≤2
94SVP337X0016F12
Kemet, Ceramic X5R
16 V
10
0.002 Ω
-
1210 Case
1(33)
≤5
C1210C106M4PAC
(SMD)
6.3 V
47
0.002 Ω
3225 mm
N/R(2)
≤5
C1210C476K9PAC
Murata, Ceramic X5R
6.3 V
100
0.002 Ω
-
1210 Case
N/R(2)
≤3
GRM32ER60J107M
(SMD)
16 V
47
3225 mm
1(5)
≤5
GRM32ER61CJ476K
16 V
22
1(5)
≤5
GRM32ER61C226K
16 V
10
1(5)
≤5
GRM32DR61C106K
TDK, Ceramic X5R
6.3 V
100
0.002 Ω
-
1210 Case
N/R(2)
≤3
C3225X5R0J107MT
(SMD)
6.3 V
47
3225 mm
N/R(34)
≤5
C3225X5R0J476MT
16 V
22
1(35)
≤5
C3225X5R1C226MT
16 V
10
1(7)
≤5
C3225X5R1C106MT
(32) A total capacitance of 540 µF is acceptable based on the combined ripple current rating.
(33) A ceramic capacitor may be used to complement electrolytic types at the input to further reduce high-frequency ripple current.
(34) N/R –Not recommended. The capacitor voltage rating does not meet the minimum derated operating limits.
(35) A ceramic capacitor may be used to complement electrolytic types at the input to further reduce high-frequency ripple current.
11
Submit Documentation Feedback


Similar Part No. - PTH12010L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH12010L ARTESYN-PTH12010L Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - PTH12010L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com