Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

450MPH124HH7 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part No. 450MPH124HH7
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

450MPH124HH7 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  450MPH124HH7 Datasheet HTML 1Page - RUBYCON CORPORATION 450MPH124HH7 Datasheet HTML 2Page - RUBYCON CORPORATION 450MPH124HH7 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
250MPH
Frequency(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
106
475
225
105
474
224
104
630MPH
Frequency(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
450MPH
Frequency(kHz)
10
100
1000
0
1
2
3
4
5
6
7
8
9
10
11
12
225
105
474
224
104
475
225
105
474
224
104
◆DIMENTIONS AND QUANTITY
METALLIZED POLYPROPYLENE FILM CAPACITORS MPH
◆RATED VOLTAGE:630VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
630MPH104 **
630MPH124 **
630MPH154 **
630MPH184 **
630MPH224 **
630MPH274 **
630MPH334 **
630MPH394 **
630MPH474 **
630MPH564 **
630MPH684 **
630MPH824 **
630MPH105 **
630MPH125 **
630MPH155 **
630MPH185 **
630MPH225 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
A
B, D
C
E
S
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
23.5
23.5
23.5
23.5
11.0
12.0
13.0
14.5
15.5
12.0
13.5
14.5
16.0
17.0
18.0
20.0
21.0
19.0
22.0
24.0
26.5
17.0
17.5
19.0
20.0
21.0
19.5
20.5
22.0
23.0
24.5
27.0
29.0
32.0
30.0
33.0
35.0
38.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
7.5/10.0/15.0
20.0
20.0
20.0
20.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1,000
1,000
1,000
1,000
800
800
800
500
500
500
500
500
500
500
500
500
500
200
200
200
200
200
200
200
100
100
100
100
100
100
100
100
100
100
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
Long Lead type
Taping Ammo pack type - style
: Tolerance(H:±3%,J:±5%,K:±10%)  **:Suffix
◆PERMISSIBLE CURRENT FOR FREQUENCY
TC
TX, TH TL, TJ
TN
TS


Similar Part No. - 450MPH124HH7

ManufacturerPart No.DatasheetDescription
RUBYCON CORPORATION
RUBYCON CORPORATION
450MPH124 RUBYCON-450MPH124 Datasheet
219Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

Similar Description - 450MPH124HH7

ManufacturerPart No.DatasheetDescription
Illinois Capacitor, Inc.
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
MERITEK ELECTRONICS CORPORATION
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
RUBYCON CORPORATION
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
TDK Electronics
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
RUBYCON CORPORATION
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
Vishay Siliconix
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
RUBYCON CORPORATION
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
Cornell Dubilier Electronics
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
WESTECH COMPONENT CO., LTD.
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
RUBYCON CORPORATION
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz