Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400MMG124KH7TC Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # 400MMG124KH7TC
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400MMG124KH7TC Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  400MMG124KH7TC Datasheet HTML 1Page - RUBYCON CORPORATION 400MMG124KH7TC Datasheet HTML 2Page - RUBYCON CORPORATION 400MMG124KH7TC Datasheet HTML 3Page - RUBYCON CORPORATION 400MMG124KH7TC Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
METALLIZED POLYESTER FILM CAPACITORS
MMG
◆PERMISSIBLE CURRENT FOR FREQUENCY
0
1
2
3
4
5
6
7
10
100
1000
0
1
2
3
4
5
6
10
100
1000
225
105
474
224
104
473
223
103
Frequency(kHz)
250MMG
Frequency(kHz)
630MMG
0
1
2
3
4
5
6
10
100
1000
225
155
105
684
474
334
224
154
104
106
475
225
105
474
224
104
Frequency(kHz)
450MMG
0
1
2
3
4
5
6
10
100
1000
475
225
105
474
224
104
Frequency(kHz)
400MMG


Similar Part No. - 400MMG124KH7TC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400MMB103JTC RUBYCON-400MMB103JTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
400MMB103JTX RUBYCON-400MMB103JTX Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
400MMB103KTC RUBYCON-400MMB103KTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
400MMB105JTC RUBYCON-400MMB105JTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
400MMB105KW7TC RUBYCON-400MMB105KW7TC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
More results

Similar Description - 400MMG124KH7TC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com