Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

450MMK335JY7 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part No. 450MMK335JY7
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

450MMK335JY7 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  450MMK335JY7 Datasheet HTML 1Page - RUBYCON CORPORATION 450MMK335JY7 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TC
TX, TH TL, TJ
TN
TS
◆RATED VOLTAGE:450VDC
◆DIMENTIONS AND QUANTITY
◆PERMISSIBLE CURRENT FOR FREQUENCY
:Tolerance(J:±5%,K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
450MMK473 **
450MMK563 **
450MMK683 **
450MMK823 **
450MMK104 **
450MMK124 **
450MMK154 **
450MMK184 **
450MMK224 **
450MMK274 **
450MMK334 **
450MMK394 **
450MMK474 **
450MMK564 **
450MMK684 **
450MMK824 **
450MMK105 **
450MMK125 **
450MMK155 **
450MMK185 **
450MMK225 **
450MMK275 **
450MMK335 **
450MMK395 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
10.0
10.0
10.0
10.0
10.0
10.0
10.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
13.0
18.0
18.0
18.0
23.0
23.0
23.0
5.0
5.5
6.0
7.5
7.5
8.0
8.0
7.0
8.0
8.0
8.5
9.0
10.5
11.0
12.0
13.0
15.0
15.5
13.5
15.0
17.0
15.5
17.0
19.0
11.0
11.5
11.5
12.0
14.0
14.5
15.0
14.0
16.0
17.5
18.5
19.0
20.0
20.5
22.5
23.5
25.0
26.5
23.5
25.0
27.0
26.0
27.5
29.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
20.0
20.0
20.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
20.0
20.0
20.0
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
200
200
200
200
100
100
100
100
100
100
100
100
50
200
200
200
200
100
100
100
100
100
50
50
5,000
5,000
4,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
1,500
1,500
1,000
1,000
1,000
800
500
500
500
500
400
400
400
S
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
Long Lead type
Taping Ammo pack type - style
METALLIZED POLYESTER FILM CAPACITORS
MMK
450MMK
104
473
224
474
105
395
225
6
7
5
4
3
2
1
0
10
100
1000
Frequency(kHz)


Similar Part No. - 450MMK335JY7

ManufacturerPart No.DatasheetDescription
RUBYCON CORPORATION
RUBYCON CORPORATION
450MMG103JE7TC RUBYCON-450MMG103JE7TC Datasheet
79Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
450MMG103JE7TS RUBYCON-450MMG103JE7TS Datasheet
79Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
450MMG103JH7TC RUBYCON-450MMG103JH7TC Datasheet
79Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
450MMG103JH7TS RUBYCON-450MMG103JH7TS Datasheet
79Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
450MMG103KE7TC RUBYCON-450MMG103KE7TC Datasheet
79Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
More results

Similar Description - 450MMK335JY7

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
Illinois Capacitor, Inc.
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
NXP Semiconductors
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
MERITEK ELECTRONICS CORPORATION
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
RUBYCON CORPORATION
RUBYCON CORPORATION
MMB RUBYCON-MMB Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
MMBA RUBYCON-MMBA Datasheet
58Kb / 3P
   METALLIZED POLYESTER FILM CAPACITORS
MMCA-UV RUBYCON-MMCA-UV Datasheet
71Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
MMH RUBYCON-MMH Datasheet
46Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
MTB RUBYCON-MTB Datasheet
67Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz