Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65555 Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN65555
Description  ELECTROLUMINESCENT COLUMIN DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN65555 Datasheet(HTML) 6 Page - Texas Instruments

  SN65555 Datasheet HTML 1Page - Texas Instruments SN65555 Datasheet HTML 2Page - Texas Instruments SN65555 Datasheet HTML 3Page - Texas Instruments SN65555 Datasheet HTML 4Page - Texas Instruments SN65555 Datasheet HTML 5Page - Texas Instruments SN65555 Datasheet HTML 6Page - Texas Instruments SN65555 Datasheet HTML 7Page - Texas Instruments SN65555 Datasheet HTML 8Page - Texas Instruments SN65555 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SLDS031A
– APRIL 1985 – REVISED APRIL 1993
4
–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC1 = 12 V,
VCC2 = 80 V
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High level output voltage
Q outputs
IO = – 15 mA
77
V
VOH
High-level output voltage
SERIAL OUT
IO = – 100 A
10.5
V
VOL
Low level output voltage
Q outputs
IOL = 15 mA
8
V
VOL
Low-level output voltage
SERIAL OUT
IOL = 100 A
1
V
IIH
High-level input current
VI = 12 V
1
A
IIL
Low-level input current
VI = 0
– 1
A
ICC1
Supply current from VCC1
2
mA
ICC2
Supply current from VCC2
5
mA
switching characteristics, VCC1 = 12 V, TA = 25 C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPHL
Propagation delay time, high-to-low-level,
SERIAL OUT from CLOCK
CL = 20 pF to GND,VCC2 = 0,
140
ns
tPLH
Propagation delay time, low-to-high level,
SERIAL OUT from CLOCK
L
,
CC2
,
See Figure 3
140
ns
td
Delay time, VCC2 to Q outputs
dv/dt = 80 V/ s,
See Figure 4
100
ns
RECOMMENDED OPERATING CONDITIONS
VCC1 – Supply Voltage – V
8
6
4
2
10
11
12
13
10
12
14
15
INPUT VOLTAGE LOGIC-LEVEL LIMITS
vs
SUPPLY VOLTAGE VCC1
TA = Full Range
2
Maximum VIL
Minimum VIH
Figure 1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN65553ELECTROLUMINESCENT COLUMIN DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65559ELECTROLUMINESCENT DISPLAY COLUMIN DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65551ELECTROLUMINESCENT ROW DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN65557ELECTROLUMINESCENT ROW DRIVERS 1 2 3 4 5 MoreTexas Instruments
SP4426Electroluminescent Lamp Driver with High Output Drivers 1 2 3 4 5 MoreSipex Corporation
54LS244Octal TRI-STATEE Buffers/Line Drivers/Line Receivers 1 2 3 4 5 MoreNational Semiconductor (TI)
DS26F31MQuad High Speed Differential Line Drivers 1 2 3 4 5 National Semiconductor (TI)
MC34151High Speed Dual MOSFET Drivers 1 2 3 4 5 MoreON Semiconductor
TZA3031AHLSDH/SONET STM1/OC3 laser drivers 1 2 3 4 5 MoreNXP Semiconductors
STLVDS31HIGH SPEED DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn