Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFKP/0061Z1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. HFKP/0061Z1
Description  AUTOMOTIVE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

HFKP/0061Z1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
526U kg 52:U
/DAOPMDN
CgfkY[k PYkaf_
D]jkil[kam]
67
<9
67
<9
HNMGFA PEKAW
Cgad hgn]i
6JOD uxv ~ Ifilj` [lii]fk ^gi dYeh dgY\
IQN=445UIQN3RQ5:=8= UIQN58445 CEPRIFIED
TEPQINM> EM46164484:45
;SKFBAG *KKGFBAOFJIN
Rlifaf_ dYeh0 \Yf_]iglj ja_fYd , j[iYe dYeh [gfkigd0Al\ag
jpjk]e0Aai1[gf\akagfaf_0LY_f]ka[ mYdm]j [gfkigd0Kgn
k]eh]iYkli] [gfkigd0Q]Yk Y\bljke]fk0Uaf\gn \]^g__]ij0
QkYik]i jgd]fga\ jnak[`]j0Afka1k`]^k dg[c
1/38
CgfkY[k AiiYf_]e]fk
LYo2 jnak[`af_ [lii]fk
LYo2 jnak[`af_ mgdkY_]
LYo2 jnak[`af_ hgn]i
CgfkY[k LYk]iaYd
IfakaYd CgfkY[k P]jajkYf[]
L][`Yfa[Yd da^]
Ed][kia[Yd da^]
IfakaYd IfjldYkagf P]jajkYf[]
Da]d][kia[ Qki]f_k`
Nh]iYk] kae] -Yk fgea2 Tgdk2.
P]d]Yj] kae] -Yk fgea2 Tgdk2.
Ogn]i Cgfjlehkagf
Q`g[c P]jajkYf[]
QkgiY_] R]eh]iYkli]
R]eh]iYkli]
Sfak n]a_`k
R]ieafYkagf
Cgfjkil[kagf
944L 0 944TDC
944TAC
LYo2 9ej
LYo2 7ej
52:U 3 526U
526;ee0 54 kg 84Hq? 84 kg;4Hq0 94e3j6
429ee0 ;4 kg 544Hq? 544 kg 944Hq0 544e3j6
644 e3j6
184 kg /599
184 kg /569
64_
OCB
Q]Yd]\ IO:; , Nh]f
5A0 5C
:4A-Ifilj` Clii]fk>544A.
;9TDC
5A> 89A 58TDC
5C> 89A-MN. 3 74A -MC. 58TDC
:74U
A_Ma0 A_QfN6
544e
5o54;NOQ
5o 549NOQ
Cgad
P]jajkYf[]
:
56
68
727
:2<
572=
42:
526
628
=24
5=2:
7=27
:OAICAMC ;SKD
5=
=4
7:6
:29
5827
6<2:
:
56
68
829
=24
5=26
42:
526
628
74
564
8<4
*<;757;2=. 9.4*?
,76;*,; -*;*
,1*9*,;.92:;2,:
,724
,724 -*;*
:DINFOFQD ;SKD
MgeafYd
TgdkY_]
TDC
Oa[c1lh
TgdkY_]
TDC
Digh1glk
TgdkY_]
TDC
MgeafYd
TgdkY_]
TDC
Oa[c1lh
TgdkY_]
TDC
Digh1glk
TgdkY_]
TDC
Cgad
P]jajkYf[]
Qnak[`af_ [YhY[akp lh kg 89 A
QOQR1MN , QODR [gfkY[k YiiYf_]e]fk
OC ZgYi\ k]ieafYdj
Rng haffa_ glk [`ga[]j
Nh]f Yf\ j]Yd]\ IO:; YmYadYZd] kph]j
55
6625
8827
<24
5:26
76
V
V
V
V
V
LYo2AddgnYZd]
Nm]i\iam]
TDC
LYo2AddgnYZd]
Nm]i\iam]
TDC
64


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn