Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN-245C080-B Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FCN-245C080-B
Description  FOR BOARD-TO-CABLE CONNECTION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FCN-245C080-B Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FCN-245C080-B Datasheet HTML 1Page - Fujitsu Component Limited. FCN-245C080-B Datasheet HTML 2Page - Fujitsu Component Limited. FCN-245C080-B Datasheet HTML 3Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions are in millimeters (inches)
www.fcai.fujitsu.com
Specifications
subject to change
FOR BOARD-TO-CABLE CONNECTION
240R SERIES
s FEATURES
• 1.27 mm (0.050 in.) pitch contact arrangement
enables high-density mounting.
• Bellows contacts ensure stable contact preventing
pins from bending. The bellows contacts also have
excellent stability with repeated insertion and
extraction.
• Cables and connectors are assembled by discrete
wire IDC.
• Connectors on the cable side provide superb EMI
shielding/ESD protection with an inner-metal and
outer-plastic dual cover.
• Conforms to IEEE 1284.C Interface
• Tails are spaced in a four-row staggered arrangement
(2.54 mm
× 1.905 mm) (0.100 in. × 0.075 in.) for easy
PC board design.
s SPECIFICATIONS
Specifications
–55
°C to +85°C
DC 1 A
AC 240 V
50 m
Ω max. (DC 20 mV, 10 mA)
1,000 M
Ω min. (DC 500 V)
AC 750 V for 1 minute
AWG #28 and #30 stranded wires
with
φ0.5 to 0.65 mm (0.020 to
0.026 in.) insulation diameter
Item
Operating temperature range
Current rating
Voltage rating
Contact resistance
Insulation resistance
Dielectric withstand voltage
Applicable wire
Materials
Polyester (UL94V-0)
Copper alloy
Contact
Terminal
s MATERIALS
Item
Insulator
Conductor
Plating
Gold plating
Palladium plating
s ORDERING CODE
FCN-24 5 D 050-G/ E
E: Metal type (board side) or
metal type for discrete wire
IDC (cable side)
G: Metal type for wire to wire
heat bonded multi cable
IDC
S: Cover
G: Gold plating
A: Cover
B: Wide-hole cover
Number of contacts: 20,
26, 36, 50, 68, or 80
Unit type
D: Socket
R: Plug
C: Cover
Tail type
0: Cover
4: Straight
5: Right-angle
7: IDC
240 series
Fujitsu connector


Similar Part No. - FCN-245C080-B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-244F020-G/0 FUJITSU-FCN-244F020-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244F030-G/0 FUJITSU-FCN-244F030-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244F040-G/0 FUJITSU-FCN-244F040-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244F050-G/0 FUJITSU-FCN-244F050-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244F060-G/0 FUJITSU-FCN-244F060-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results

Similar Description - FCN-245C080-B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
logo
Molex Electronics Ltd.
0943285001 MOLEX11-0943285001 Datasheet
76Kb / 2P
   SMT, Micro Spring Contact for Board to Board Connection
logo
Panasonic Semiconductor
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
logo
Harwin Plc
M40-1100200 HARWIN-M40-1100200 Datasheet
81Kb / 1P
   HOUSING FOR CABLE TO BOARD
logo
Pepperl+Fuchs Inc.
CBL-IDMX61-B-JX-S-S07-N0 PF-CBL-IDMX61-B-JX-S-S07-N0 Datasheet
463Kb / 1P
   Connection cable for base station
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com