Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23144854 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # 23144854
Description  Color Television
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23144854 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button 23144854 Datasheet HTML 3Page - Toshiba Semiconductor 23144854 Datasheet HTML 4Page - Toshiba Semiconductor 23144854 Datasheet HTML 5Page - Toshiba Semiconductor 23144854 Datasheet HTML 6Page - Toshiba Semiconductor 23144854 Datasheet HTML 7Page - Toshiba Semiconductor 23144854 Datasheet HTML 8Page - Toshiba Semiconductor 23144854 Datasheet HTML 9Page - Toshiba Semiconductor 23144854 Datasheet HTML 10Page - Toshiba Semiconductor 23144854 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
- 7 -
7. SELF DIAGNOSTIC FUNCTION
1) Press “9” button on Remote Control during display of adjustment menu in the service mode.
The diagnosis will begin to check if interface among IC’s are executed properly.
2) During diagnosis, the following displays are shown.
Part number of microprocessor (QA01)
Operation number of protection circuit (current limiter) . . . . “000” is normal.
BUS line check
“OK” ................... Normal
“SCL-GND” or “NG” ........... SCL-GND short circuit
“SDA-GND” or “NG” ........... SDA-GND short circuit
“SCL-SDA” or “NG” ............ SCL-SDA short circuit
BUS line ACK (acknowledge) check
“OK” ..................... Normal
Display of Location Number . . . . NG
(Display example)
“QA02 NG”, “H001 NG”, “Q501 NG” etc.
Note: The indication of failure place is only one place though failure places are plural. When
repair of a failure place finishes, the next failure place is indicated. (The order of priority of
indication is left side.)
Sync. signal check
Green display ..... Normal
Red display ........ NG
MAIN ........ Main sync
SUB .......... Sub sync (when turn on the PIP)
ID code for TV Set
Version of "EEP"
Data for "OPT"
Part number of HDMI microprocessor
HDMI error code
4. SELECTING THE ADJUSTING ITEMS
1) Every pressing of CHANNEL
button in the service mode changes the adjustment items in the order of table-2.
(
button for reverse order)
Refer to table-2 for preset data of adjustment mode.
(See SETTING & ADJUSTING DATA on page 11)
5. ADJUSTING THE DATA
1) Pressing of VOLUME
or
button will change the value of data in the range from 00H to FFH. The variable range
depends on the adjusting item.
6. EXIT FROM SERVICE MODE
1) Pressing POWER button to turn off the TV once.
INITIALIZATION OF MEMORY DATA OF QA02
After replacing QA02, the following initialization is required.
1. Enter the service mode, then select any register item.
2. Press and hold the RECALL button on the Remote, then press the CHANNEL
button on the TV. The initialization of QA02
has been complated.
3. Check the picture carefully. If necessary, adjust any adjustment item above.
Perform “Programming Channel Memory” on the owner's manual.
CAUTION: Never attempt to initialize the data unless QA02 has been replaced.
SELF CHECK
NO. 23
* * * * * *
POWER
: 000
BUS LINE : OK
BUS CONT : OK
BLOCK : MAIN SUB
SET ID : 01
EEP VER : 02
OPT1 : 05
OPT2 : 70
HDMI
NO
* * * * * * * *
ERR CODE :


Similar Part No. - 23144854

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
23144854 TOSHIBA-23144854 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - 23144854

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
   LCD Color Television
2005
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
   LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
   LCD Color Television
2005
37HLX95 TOSHIBA-37HLX95 Datasheet
10Mb / 42P
   LCD Color Television
2005
42AV554D TOSHIBA-42AV554D Datasheet
13Mb / 196P
   LCD Color Television
Ver. 2.02
42WL55A TOSHIBA-42WL55A Datasheet
7Mb / 10P
   LCD Color Television
2005
42WP56P TOSHIBA-42WP56P Datasheet
7Mb / 85P
   Plasma Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com