Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7951CP-12CD Datasheet(PDF) 2 Page - Picker Components

Part # PC7951CP-12CD
Description  80/60 Amp Automotive Plug-In / PCB Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC7951CP-12CD Datasheet(HTML) 2 Page - Picker Components

  PC7951CP-12CD Datasheet HTML 1Page - Picker Components PC7951CP-12CD Datasheet HTML 2Page - Picker Components PC7951CP-12CD Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC795
PC795
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
REFERENCE CURVE
COIL DATA
Coil Voltage
6
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
22
90
330
7.2
14.3
1.2
2.4
20.5
39.1
_
3.6
0.6
10.1
12
30
87
85
86
Wiring Diagrams
(-)
(+)
30
87a
87
85
86
(-)
(+)
Form 1A
Form 1C
Dimensions in Inches (millimeters)
Plug-In Type
Bottom View
Tolerances + .010 unless otherwise noted
Notes:
Maximum make current refers to inrush of a lamp load
In 85 degree C ambient reduce maximum coil voltage to 72%
Plug-In Case (C) and PCB Case (P)
(25.0)
.984
(28.0)
1.10
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(7.6)
.300
(3.8)
.150
Holes for Pins 30, 87 & 87a
are 3 X .087 (2.2) by .063 (1.6)
Pins 85 & 86 are .079 (2.0) by .047 (1.2)
(6.3)
.250
(9.5)
.374
(18.0)
.709
(11.5)
.453
0
20
40
60
80
10
20 30 40 50 100
DC Contact Voltage.
Contact Derating


Similar Part No. - PC7951CP-12CD

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results

Similar Description - PC7951CP-12CD

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC796 PICKER-PC796 Datasheet
647Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796_17 Datasheet
631Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792H PICKER-PC792H Datasheet
239Kb / 3P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_14 Datasheet
137Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC786 PICKER-PC786 Datasheet
198Kb / 2P
   60 Amp Automotive Plug-In Power Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com