Electronic Components Datasheet Search |
|
24381131 Datasheet(PDF) 4 Page - Toshiba Semiconductor |
|
24381131 Datasheet(HTML) 4 Page - Toshiba Semiconductor |
4 / 54 page – 4 – WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “X-RAY RADIATION PRECAUTION”, “SAFETY PRECAU- TION” AND “PRODUCT SAFETY NOTICE” ON PAGE 3 OF THIS MANUAL. SET-UP ADJUSTMENT s The following adjustments should be made when a complete realignment is required or a new picture tube is installed. Perform the adjustments in order as follows : 1. Color Purity 2. Convergence 3. White Balance Note: 1. The PURITY/CONVERGENCE MAGNET assembly and rubber wedges need mechanical positioning. Refer to figure 1. 2. Mounting position of the purity magnet assembly should fit to same position as old one because slightly difference to the position depend on a kind of tube. * There are no adjustment of purity and convergence in some picture tube (Unified with purity magnet) COLOR PURITY ADJUSTMENT NOTE : Before attempting any purity adjustments, the receiver should be operated for at least fifteen minutes. 1. Evenly degauss the entire screen. 2. Set the CONTRAST and BRIGHTNESS Controls to the maximum. 3. Display built-in green raster using the TEST SIGNAL SELECTION function. 4. Loosen the clamp screw holding the deflection yoke (and remove the rubber Wedges). 5. Slide the yoke forward or backward to provide vertical green belt (zone) in the picture screen. 6. Rotate and spread the tabs of the purity magnet (See figure 4.) around the neck of the picture tube until the green belt is in the center of the screen. At the same time, center the raster vertically by adjusting the mag- net as shown below. 7. Move the yoke slowly forward or backward until a uni- form green screen is obtained.Tighten the clamp screw of the yoke temporarily. 8. Check the purity of the red and blue raster. 9. Put four wedges into the space between the picture tube and the yoke to hold the yoke in the adjusted position. (See figure 2.) Do not tilt the yoke by excessive insertion of the wedge. 10. Remove cover paper of wedge and stick wedges on the tube to fix the yoke in the adjusted position. Fix the wedges with glass cloth tapes. Green Belt DEFLECTION YOKE 1-5/8” PURITY/ CONV. MAGNET Xv Coil Adhesive RUBBER WEDGES DEFLECTION YOKE Figure 2. Figure 1. |
Similar Part No. - 24381131 |
|
Similar Description - 24381131 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |