Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24709100 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # 24709100
Description  COLOR TELEVISION
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24709100 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button 24709100 Datasheet HTML 9Page - Toshiba Semiconductor 24709100 Datasheet HTML 10Page - Toshiba Semiconductor 24709100 Datasheet HTML 11Page - Toshiba Semiconductor 24709100 Datasheet HTML 12Page - Toshiba Semiconductor 24709100 Datasheet HTML 13Page - Toshiba Semiconductor 24709100 Datasheet HTML 14Page - Toshiba Semiconductor 24709100 Datasheet HTML 15Page - Toshiba Semiconductor 24709100 Datasheet HTML 16Page - Toshiba Semiconductor 24709100 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
– 13 –
CIRCUIT CHECKS
Troubleshooting Guide for Fail Safe Circuit
HIGH VOLTAGE CHECK
CAUTION: There is no HIGH VOLTAGE ADJUSTMENT on
this chassis. Checking should be done following the steps
below.
1. Connect an accurate high voltage meter to the second an-
ode of the picture tube.
2. Turn on the receiver. Set the BRIGHTNESS and CON-
TRAST controls to minimum (zero beam current).
3. High voltage must be measured below (B) kV.
Refer to table-1 for high voltage (B).
(See SETTING & ADJUSTING DATA on page 14)
4. Vary the BRIGHTNESS control to both extremes to be sure
the high voltage does not exceed the limit under any con-
ditions.
FS CIRCUIT CHECK
The Fail Safe (FS) circuit check is indispensable for the final
check in servicing. Checking should be done following the
steps below.
1. Turn the receiver on and press the RESET button.
2. Temporarily short TP-(R) and TP-(X) with a jumper wire.
Raster and sound will disappear.
3. The receiver must remain in this state even after removing
the jumper wire. This is the evidence that the FS circuit is
functioning properly.
4. To obtain a picture again, temporarily turn the receiver off
and allow the FS circuit more than 5 seconds to reset.
Then turn the power switch on to produce a normal pic-
ture.
Check that the set returns to normal operation when pin 12
of Z801(or emitter of Q472) is grounded with jumper wire.
Check the voltage across
Capacitor C471 is
approximately (C) volts.
Refer to table –4 for
Fail safe det. voltage (C).
Faulty power
circuit or hori-
zontal circuit.
Defective Fail Safe Circuit
(See SETTING & ADJUSTING
DATA on page14)
YES
NO
NO
YES


Similar Part No. - 24709100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24709100 TOSHIBA-24709100 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
24709100 TOSHIBA-24709100 Datasheet
1Mb / 35P
   Color Television
2004
24709100 TOSHIBA-24709100 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
24709100 TOSHIBA-24709100 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
24709100 TOSHIBA-24709100 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - 24709100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
   LCD Color Television
2005
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
   LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
   LCD Color Television
2005
37HLX95 TOSHIBA-37HLX95 Datasheet
10Mb / 42P
   LCD Color Television
2005
42AV554D TOSHIBA-42AV554D Datasheet
13Mb / 196P
   LCD Color Television
Ver. 2.02
42WL55A TOSHIBA-42WL55A Datasheet
7Mb / 10P
   LCD Color Television
2005
42WP56P TOSHIBA-42WP56P Datasheet
7Mb / 85P
   Plasma Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com