Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD-F835RE Datasheet(PDF) 2 Page - Yellow Stone Corp

Part # BD-F835RE
Description  DUAL DIGIT LED DISPLAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BD-F835RE Datasheet(HTML) 2 Page - Yellow Stone Corp

  BD-F835RE Datasheet HTML 1Page - Yellow Stone Corp BD-F835RE Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DD-25
BD- A
C81xRD
DD-26
BD- EF81xRD
DD-27
BD- EF81xRD-A
DD-28
BD- A
C83xRD
DD-29
BD- EF83xRD
DD-30
BD- EF84xRD-A
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
6
D
8
B
9
A
7
C
4
E
5
F
3
G
10
DP
D1
12
D2
PIN 1.
+
E2.0(.079)
MIN.
D
DP
E
D1
A
G
F
C
B
D2
20.32(.800)
25.70(1.011)
21.80(.860)
E0.50(.020)
3.00(.118)
2.54(.100)
35.60(1.402)
10.00(.394)
12.30(.484)
10B
BD-E81xRD
BD-E81xRD
10.00(.394)
25.70(1.011)
11 7
42
5
110
3
E0.50(.020)
PIN 1.
E
A
B
CD
FG DP
D1
35.60(1.402)
2.54(.100)
8
3.00(.118)
E2.0(.079)
10B
+
12.30(.484)
D2
E
MIN.
6
D1
C
DP
D
F
G
D2
A
B
21.80(.860)
20.32(.800)
D
DP
3
2.54(.100)
C
B
A
16 15
DP
G
F
DE
2
1
18 17 4
BD-A83xRD
14
D1
D2
13
37.0(1.456)
+
E0.50(.020)
PIN 1.
20.00(.787)
10.10(.397)
3.00(.118)
E2.0(.079)
MIN.
29.0(1.141)
11.0(.433)
10B
E
F
C
G
B
D1
D2
A
21.80(.860)
AB
11
D
C
8
10
6
EF
5
12
GDP
7
9
2.54(.100)
A
8
B
9
C
7
E0.50(.020)
10
D
6
E
5
G
4
FDP
3
3.00(.118)
BD-E83xRD
10.10(.397)
D1
1
2
MIN.
DP
D
D2
E
F
C
G
B
10B
37.0(1.456)
20.00(.787)
PIN 1.
+
29.0(1.141)
E2.0(.079)
11.0(.433)
D1
A
D2
21.80(.860)
2.54(.100)
E0.50(.020)
PIN 1.
35.6(1.40)
E2.0(.079)
3.00(.118)
10.0(.394)
BD-E84xRD-A
MIN.
C
DP
G
E
D
F
D1
D2
A
B
12.3(.484)
20.1(.791)
10B
+
25.7(1.012)
21.80(.860)
1
2
D1
D2
6
7
98
AB
CD
10
3
4
5
EF
GDP
PIN 1.
F
15
B
16
A
E
C
3
D
2
18
F
1
G
17
D1
14
+
E
5
E
11
A
DP
4
B
10
C
8
D
6
13
DP
F
12
G
7
D2
9
E2.0(.079)
D1
C
D
DP
G
D2
A
B
3.00(.118)MIN.
10.00(.394)
25.70(1.011)
35.60(1.402)
20.32(.800)
10B
12.30(.484)
21.80(.860)
2.54(.100)
E0.50(.020)
BD-C81xRD
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BD-F835RE

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-F832RD BRIGHT-BD-F832RD Datasheet
148Kb / 3P
   0.80"(20.32mm) DUAL DIGIT LED DISPLAY
BD-F836RD BRIGHT-BD-F836RD Datasheet
188Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results

Similar Description - BD-F835RE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WCN2-0040SR-A11 ETC2-WCN2-0040SR-A11 Datasheet
83Kb / 4P
   Dual Digit LED Display
logo
LIGITEK electronics co....
LBD241SBKS-XX-PF LIGITEK-LBD241SBKS-XX-PF Datasheet
121Kb / 8P
   DUAL DIGIT LED DISPLAY
LDD515-65-XX-RP18 LIGITEK-LDD515-65-XX-RP18 Datasheet
98Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD515-65-XX-RP145 LIGITEK-LDD515-65-XX-RP145 Datasheet
124Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD515-63H-XX LIGITEK-LDD515-63H-XX Datasheet
163Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD215-62-XX-S2-PF LIGITEK-LDD215-62-XX-S2-PF Datasheet
131Kb / 9P
   DUAL DIGIT LED DISPLAY (0.25Inch)
LDD215-62-XX-S1 LIGITEK-LDD215-62-XX-S1 Datasheet
126Kb / 8P
   DUAL DIGIT LED DISPLAY (0.25Inch)
LDD215-62-XX-F1 LIGITEK-LDD215-62-XX-F1 Datasheet
91Kb / 8P
   DUAL DIGIT LED DISPLAY (0.25Inch)
LDD215-62-XX-S1-PF LIGITEK-LDD215-62-XX-S1-PF Datasheet
131Kb / 9P
   DUAL DIGIT LED DISPLAY (0.25Inch)
logo
Lucky Light Electronic
KW2-401 LUCKY-LIGHT-KW2-401 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com